Electronic Components Datasheet Search
  English  ▼

X  

WM1824 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM1824
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1824 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM1824 Datasheet HTML 2Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 3Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 4Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 5Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 6Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 7Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 8Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 9Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
WM1824
Production Data
w
PD, Rev 4.1, December 2011
6
ELECTRICAL CHARACTERISTICS
Test Conditions
LINEVDD=AVDD=DBVDD=3.3V, LINEGND=AGND=0V, TA=+25
°C, fs=48kHz, MCLK=256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Output Levels
Output Level
0dBFS
2.04
2.1×AVDD
3.3
¯¯¯¯¯¯¯¯
2.14
Vrms
Load Impedance
1
A
kΩ
Load Capacitance
No external RC filter
300
pF
With filter shown in
Figure 15
1
µF
DAC Performance
Signal to Noise Ratio
SNR
RL = 10kΩ
A-weighted
106
dB
RL = 10kΩ
Un-weighted
104
dB
Dynamic Range
DNR
RL = 10kΩ
A-weighted
104
dB
Total Harmonic Distortion
THD
-1dBFS
-89
dB
0dBFS
-86
dB
AVDD + LINEVDD
Power Supply Rejection Ratio
PSRR
100Hz
54
dB
1kHz
54
dB
20kHz
50
dB
Channel Separation
1kHz
100
dB
20Hz to 20kHz
95
dB
System Absolute Phase
0
degrees
Channel Level Matching
0.1
dB
Mute Attenuation
-120
dB
DC Offset at LINEVOUTL and
LINEVOUTR
-1
0
1
mV
Digital Logic Levels
Input HIGH Level
VIH
0.7
LINEVDD
V
Input LOW Level
VIL
0.3
LINEVDD
V
Input Capacitance
10
pF
Input Leakage
-0.9
0.9
A
Note:
1.
To prevent over-current protection shutdown of the device, ensure that the load impedance is never less than 100Ω. If
a load impedance of less than 100Ω is presented to either LINEVOUTL or LINEVOUTR, the device may go into a
protective shutdown state where the charge pump will stop running and the device will shut down. It will take a
hardware reset to come out of this state (recycle the power supplies or hold /MUTE low for 1024 LRCLK cycles after
the low impedance load condition has been removed).
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the maximum theoretical full scale
output signal and the output with no input signal applied.
2.
Total Harmonic Distortion (dB) – THD is the level of the rms value of the sum of harmonic distortion products relative to
the amplitude of the measured output signal.
3.
All performance measurements carried out with 20kHz low pass filter, and where noted an A-weighted filter. Failure to
use such a filter will result in higher THD and lower SNR readings than are found in the Electrical Characteristics. The
low pass filter removes out of band noise; although it is not audible it may affect dynamic specification values.
4.
Mute Attenuation – This is a measure of the difference in level between the full scale output signal and the output with
mute applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com