Electronic Components Datasheet Search
  English  ▼

X  

WM1824 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM1824
Description  24-bit 192kHz Stereo DAC with 2Vrms Ground Referenced Line Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1824 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM1824 Datasheet HTML 6Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 7Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 8Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 9Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 10Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 11Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 12Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 13Page - Wolfson Microelectronics plc WM1824 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
WM1824
Production Data
w
PD, Rev 4.1, December 2011
10
POWER ON RESET CIRCUIT
Figure 3 Internal Power on Reset Circuit Schematic
The WM1824 includes an internal Power-On-Reset circuit, as shown in Figure 3, which is
used to reset the DAC digital logic into a default state after power up. The POR circuit is
powered by AVDD and has as its inputs VMID and LINEVDD. It asserts POR low if VMID or
LINEVDD are below a minimum threshold.
Figure 4 Typical Power Timing Requirements
Figure 4 shows a typical power-up sequence where LINEVDD comes up with AVDD. When
AVDD goes above the minimum threshold, Vpora, there is enough voltage for the circuit to
guarantee POR is asserted low and the chip is held in reset. In this condition, all writes to the
control interface are ignored. After VMID rises to Vpord_hi and AVDD rises to Vpora_hi, POR is
released high and access to the control interface and audio interface may take place. This
assumes that DBVDD is at a level within the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com