Electronic Components Datasheet Search
  English  ▼

X  

ML22P804 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ML22P804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P804 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ML22P804 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
ELECTRICAL CHARACTERISTICS
DC Characteristics
DVDD = PVDD = AVDD = 2.7 to 3.6 V, DGND = PGND = AGND = 0 V, Ta = -20 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
VIH
—
0.86
×
VDD
—
—
V
“L” input voltage
VIL
—
—
—
0.14
×
VDD
V
“H” output current 1
VOH1
IOH = −1 mA
VDD – 0.4
—
—
V
“H” output current 2 (*1)
VOH2
IOH = −100 µA
VDD – 0.4
—
—
V
“L” output current 1
VOL1
IOL = 2 mA
—
—
0.4
V
“L” output current 2 (*1)
VOL2
IOL = 100 µA
—
—
0.4
V
“H” input current 1
IIH1
VIH = DVDD
—
—
10
µA
“H” input current 2 (*2)
IIH2
VIH = DVDD
0.3
2.0
15
µA
“L” input current 1
IIL1
VIL = DGND
–10
—
—
µA
“L” input current 2 (*2)
IIL2
VIL = DGND
–15
−2.0
–0.3
µA
“H” output leakage
current (*3)
ILOH
VIH = DVDD
—
—
10
µA
“L” output leakage
current (*3)
ILOL
VIL = DGND
–10
—
—
µA
Supply current during
playback
IDD
fOSC = 4.096 MHz
No output load
—
—
10
mA
Power-down supply
current
IDDS
Ta = -20 to +85°C
—
1
20
µA
Note: The input voltages and input currents apply to all the input pins except the XT pin.
The output voltages apply to all the output pins except the AOUT pin.
*1: Applies to the
XT pin.
*2: Applies to the XT pin.
*3: Applies to the TESTO0 and TESTO1 pins.
Analog Section Characteristics
DVDD = PVDD = AVDD = 2.7 to 3.6 V, DGND = PGND = AGND = 0 V, Ta = -20 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
AOUT output load resistance
RLAO
During silence
playback
5
—
—
k
Ω
AOUT output voltage range
VAOUT
No output load
0.07
× AV
DD
—
0.64
× AV
DD
V
10/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com