Electronic Components Datasheet Search
  English  ▼

X  

ML22P804 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ML22P804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P804 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ML22P804 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 26Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 27Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
Memory Bank Selecting Function
Using the memory bank selecting function, the internal ROM area in the ML22808/ML22804/ML22P808/
ML22P804 can be divided into up to four areas.
If four banks are used, up to 1024 phrases can be played
back since each bank is capable of up to 256 phrases.
Using the memory bank selecting function, the internal
ROM area in the MLl22802/ML22P802 can be divided into up to two areas.
If two banks are used, up to 512
phrases can be played back because each bank is capable of up to 256 phrases.
Using this function, it is
possible to put together multiple ROM codes into one code.
In the case of the ML22808/ML22804/ML22P808/ML22P804, the memory is used by setting the SEL1 and
SEL0 pins and in the case of the ML22802/ML22P802, the memory is used by setting the SEL pin, as shown in
the tables below.
In addition, when playing phrases, it is necessary to specify the number of memory banks by
PUP1 or PUP2.
“
⎯“ in the tables below means Don’t Care, whether 0 or 1.
Note that, if the memory bank selecting fnction is used, it is necessary to divide data when ROM data is created
and store the divided data in the specified area in advance.
For one memory banks:
SEL1
SEL0
ML22P808/ML22808-XXX
ML22P804/ML22804-XXX
SEL
ML22P802/ML22802-XXX
⎯
⎯
00000h -FFFFFh
00000h – 7FFFFh
⎯
00000h – 3FFFFh
For two memory banks:
SEL1
SEL0
ML22P808/ML22808-XXX
ML22P804/ML22804-XXX
SEL
ML22P802/ML22802-XXX
⎯
0
00000h – 7FFFFh
00000h – 3FFFFh
0
00000h – 1FFFFh
⎯
1
80000h – FFFFFh
40000h – 7FFFFh
1
20000h – 3FFFFh
For four memory banks:
SEL1
SEL0
ML22P808/ML22808-XXX
ML22P804/ML22804-XXX
0
0
00000h–3FFFFh
00000h–1FFFFh
0
1
40000h–7FFFFh
20000h–3FFFFh
1
0
80000h–BFFFFh
40000h–5FFFFh
1
1
C0000h–FFFFFh
60000h–7FFFFh
Shown below is an example of memory division for the M22808 (8 Mbits).
0–3FFFFh
40000–7FFFFh
80000–BFFFFh
C0000–FFFFFh
Bank 1
Capacity: 8 Mbits
Max. number of
phrases: 256
Bank 1
Capacity: 4 Mbits
Max. number of
phrases: 256
Bank 2
Capacity: 4 Mbits
Max. numbe
Bank 1
Capacity: 2 Mbits
Max. number of
phrases: 256
Bank 2
Capacity: 2 Mbits
Max. number of
phrases: 256
Bank 3
Capacity: 2 Mbits
Max. number of
r of
phrases: 256
phrases: 256
Bank 4
Capacity: 2 Mbits
Max. number of
phrases: 256
Number of memory
divisions: 1
8-Mbit
× 1 area
Number of memory
divisions: 2
4-Mbit
× 2 areas
Number of memory
divisions: 4
2-Mbit
× 4 areas
25/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com