Electronic Components Datasheet Search
  English  ▼

X  

ML22P804 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ML22P804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P804 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ML22P804 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
FEDL2280XFULL-04
Issue Date: Nov.16, 2009
ML22808/ML22804/ML22802-XXX
ML22P808/ML22P804/ML22P802
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
1/41
GENERAL DESCRIPTION
The ML22808/ML22804/ML22802-xxx are speech synthesis LSI devices that have P2ROM for storing voice
data.
The voice output component has an ADPCM2 decoder to enable high speech quality, a D/A converter,
and a low-pass filter.
It is easy to configure a speech synthesizer by connecting a power amplifier and a CPU externally.
The ML22808/ML22804/ML22802-xxx allow selection of a playback method from among the 8-bit PCM,
non-linear 8-bit PCM, 16-bit PCM, and 4-bit ADPCM2 algorithms and enable volume control.
The ML22808/ML22804/ML22802-xxx, supported by the ROM codes, are the products in which written speech
data is included.
The ML22P808/ML22P804/ML22P802 are OTP products in which speech data can be easily written by the user
using a dedicated writer. These devices are suitable for applications in developing products, manufacturing of a
wide variety of products in small quantities, and requiring quick turn around.
• Capacity of the internal memory device and the maximum vocal reproduction time (when 4-bit ADPCM2
algorithm used)
Maximum vocal reproduction time (sec)
Product name
ROM capacity
FSAM = 4.0 kHz
FSAM = 8.0 kHz
FSAM = 16 kHz
ML22808-XXX/ML22P808
8 Mbits
524
262
131
ML22804-XXX/ML22P804
4 Mbits
262
131
65
ML22802-XXX/ML22P802
2 Mbits
131
65
32
• Speech synthesis method:
An algorithm can be specified for each phrase from among the following:
4-bit ADPCM2
8-bit Nonlinear PCM
8-bit PCM/16-bit PCM
• Sampling frequency:
A fsam value can be specified fro each phrase.
4.0/8.0/16.0 kHz, 5.3/10.7 kHz, 6.4/12.8 kHz
• Built-in low-pass filter and 12-bit D/A converter
• CPU command interface:
3-wired serial / clock synchronous
• Maximum number of phrases: 256 phrases, from 00h to FFh (per bank)
• Memory bank switching:
Enabled between bank 1 and bank 4 using the SEL0 and SEL1 pins
• Memory bank selecting:
Selectable between bank 1 and bank 4 by setting the SEL0 and SEL1 pins
(Other than ML22802/ML22P802)
Selectable between bank1 and bank 2 (ML22802/ML22P802)
• Volume control:
Can be adjusted in 16 levels or set to OFF
• Repeat function:
LOOP command
• Source oscillation frequency:
4.096 MHz
• Power supply voltage:
2.7 to 3.6 V
• Operating temperature range:
-20 to +85
°C
• Package:
30-pin plastic SSOP (SSOP30-P-56-0.65-K)
• Product name:
ML22P808MB, ML22P804MB, ML22P802MB
ML22808-xxxMB, ML22804-xxxMB, ML22802-xxxMB
(xxx indicates a ROM code number)


Similar Part No. - ML22P804

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
ML22PT CHENMKO-ML22PT Datasheet
79Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
More results

Similar Description - ML22P804

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
ADPCM Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com