Electronic Components Datasheet Search
  English  ▼

X  

ML22P804 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # ML22P804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P804 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button ML22P804 Datasheet HTML 27Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
PLAY Command Input Timing for Continuous Playback
The diagram below shows the PLAY command input timing in cases where one phrase is played and then the
next phrase is played in succession.
CS
Status
SCK
DI
NCR
BUSY
AOUT
1V
Waiting for address control
tcm
PLAY command
2
nd byte
PLAY command
1
st byte
PLAY command
2
nd byte
Awaiting command
Address is being controlled
Playing phrase 1
Playing phrase 2
Address is being controlled
As shown in the diagram above, if continuous playback is carried out, input the PLAY command for the second
phrase within 10 ms (tcm) after NCR goes “H”.
This will make it possible to start playing the second phrase
immediately after the playback of the first phrase finishes.
Phrases can thus be played back continuously
without inserting silence between phrases.
31/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com