Electronic Components Datasheet Search
  English  ▼

X  

ML22P804 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML22P804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P804 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML22P804 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
ABSOLUTE MAXIMUM RATINGS
(DGND = PGND = AGND = 0 V)
Parameter
Symbol
Condition
Rating
Unit
Digital power supply
voltage
DVDD, PVDD
–0.3 to +5.0
V
Analog power supply
voltage
AVDD
Ta = 25°C
–0.3 to +5.0
V
Input voltage
VIN
–0.3 to DVDD+0.3
V
Power dissipation
PD
Ta = 25°C
When a JEDEC2-layer
board is mounted
1.3
W
Output short-circuit
current
ISC
—
10
mA
Storage temperature
TSTG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
(DGND = PGND = AGND = 0 V)
Parameter
Symbol
Condition
Range
Unit
Digital power supply
voltage
DVDD, PVDD
—
2.7 to 3.6
V
Analog power supply
voltage
AVDD
—
2.7 to 3.6
V
Operating temperature
TOP
—
-20 to +85
°C
Min.
Typ.
Max.
Master clock frequency
fOSC
—
3.5
4.096
4.5
MHz
External crystal
oscillator capacitance
Cd, Cg
—
15
30
45
pF
9/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com