Electronic Components Datasheet Search
  English  ▼

X  

ML22P804 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # ML22P804
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P804 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button ML22P804 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22P804 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
7.
MUON command
0
1
1
1
⎯
⎯
⎯
⎯
• command
M7
M6
M5
M4
M3
M2
M1
M0
1st byte
2nd byte
The MUON command is a 2-byte command.
This command is used to insert silence between the two playback
phrases.
The MUON command is enabled when the NCR signal is at a “H” level.
Set the silence time length
using the second byte of this command.
As the silence length (M7 to M0), a value between 4 ms and 1024 ms can be set in 4 ms intervals (252 steps in
total).
The equation to set the silence time length is shown below.
The silence length (M7-M0) must be set to 04h or higher.
tmu = (2
7
×(M7) + 26×(M6) + 25×(M5) + 24×(M4) + 23×(M3) + 22×(M2) + 21×(M1) + 20×(M0) + 1) × 4ms
The timing diagram shown below is a case of inserting a silence of 20 ms between the repetitions of a phrase of
(F7–F0) = 01h.
CS
Status
Playing
SCK
DI
NCR
BUSY
AOUT
1V
Waiting for playback to be finished
tcm
tcm
PLAY command
2
nd byte
MUON command
1
st byte
MUON command
2
nd byte
PLAY command
1
st byte
PLAY command
2
nd byte
Awaiting command
Address is being controlled
Silence is being inserted
Playing
Waiting for silence insertion
to be finished
When the PLAY command is input, the address control of phrase 1 ends, the phrase playback starts, and the
NCR signal goes “H” level.
Input the MUON command after this NCR signal changes to the “H” level.
After
the MUON command input, the NCR signal remains “L” up to the end of phrase 1 playback, and the device
enters a state waiting for the phrase 1 playback to end.
When the phrase 1 playback finishes, the silence playback starts, and NCR1 signal goes “H” level.
After this
NCR signal has changed to the “H” level, re-input the PLAY command in order to play phrase 1.
After the PLAY command input, the NCR signal once again returns to “L” level and the device enters the state
waiting for the end of silence playback.
When the silence playback finishes and then the phrase 1 playback starts, the NCR signal goes “H”, and the
device enters a state in which it is possible to input the next PLAY or MUON command.
The
BUSY signal remains “L” until the end of a series of playback.
33/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com