Electronic Components Datasheet Search
  English  ▼

X  

HT16512 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT16512
Description  1/4 to 1/11 Duty VFD Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16512 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT16512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HT16512
6
December 24, 1999
Functional Description
Display RAM and display mode
The static display RAM is organized into 22´8
bits and stores the data transmitted from an ex-
ternal device to the HT16512 through a serial
interface. The contents of the RAM are directly
mapped to the contents of the VFD driver. Data
in the RAM can be accessed through the data
setting, address setting and display control
commands. It is assigned addresses in 8-bit
unit as follows:
Dimming control
HT16512 porvides 8-step dimmer function on
display by controlling the 3-bit binary com-
mand code. The full pulse width of grid signal is
divides into 16 uniform sections by PWM (pulse
width modulation) technology.
The 16 uniform sections available form 8 steps
dimmer via 3-bit binary code. The 8-step dim-
mer includes 1/16, 2/16, 4/16, 10/16, 11/16,
12/16, 13/16 and 14/16. The 1/16 pulse width in-
dicates minimum lightness. The 14/16 pulse
width represents maximum lightness. (Refer to
the display control command).
Key matrix and key-input data storage RAM
The key matrix scans the series key states at
each level of the key strobe signal
(S0/K0~S5/K5) output of the HT16512. The key
strobe signal outputs are time-multiplexed sig-
nals from S0/K0~S5/K5. The states of inputs
K0~K3 are sampled by strobe signal
S0/K0~S5/K5 and latched into the register.
The key matrix is made up of a 6´4 matrix, as
shown below.
The data of each key is stored as illustrated be-
low, and is read with the read command, start-
ing from the least significant bit.
LED port
The LED port belongs to the CMOS output con-
figuration.
Data is written to the LED port with the write
command, starting from the least port¢s least
significant bit. In our application (see applica-
tion circuits), the user adopts an internal
NMOS device to a driver LED component by
connecting VDD. When a bit of this port is 0,
the corresponding LED lights; when the bit is 1,
the LED turns off. The data of bits 5 through 8
are ignored.
S0
A ddr es s : 00H
02H
04H
06H
08H
0A H
0C H
0E H
10H
12H
14H
b0 b1 b2 b3 b4 b5 b6 b7
01H
03H
05H
07H
09H
0B H
0D H
0F H
11H
13H
15H
b0 b1 b2 b3 b4 b5 b6 b7
Di g i t 0
Di g i t 1
Di g i t 2
Di g i t 3
Di g i t 4
Di g i t 5
Di g i t 6
Di g i t 7
Di g i t 8
Di g i t 9
Di g i t 1 0
S3 S4
~
S7
~
S8
S1 1 S 1 2
~
S1 5
~
S5 / K 5
S4 / K 4
K3
K2
K1
K0
S3 / K 3
S0 / K 0
S 1 / K 1
S2 / K 2
Ke y m a t r i x
De t a i l
S4 / K 4
b0 b1 b2 b3 b4 b5 b6 b7
S2 / K 2
S0 / K 0
S5 / K 5
S3 / K 3
S1 / K 1
K0 ~ K 3
K0 ~ K 3
R eadi ng f i r s t
R eadi ng l a s t
MS B
L S B
b0
b1
b2
b3
LE D 0
LE D 1
LE D 2
LE D 3
D on' t c a r e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com