Electronic Components Datasheet Search
  English  ▼

X  

HT16512 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT16512
Description  1/4 to 1/11 Duty VFD Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16512 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT16512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
· Updating specific addresses
Application Circuits
Note: ROSC=51kW for oscillator resistor
R1=1~10kW for external pull-high resistor
R2~R5=750W~1.2kW
R6~R9=10kW for external pull-low resistor
D1~D6=1N4001
Ef=Filament voltage for VFD
HT16512
11
December 24, 1999
CS
CL K
D I
C o m m and 1
C o m m and 2
Da t a
C o m m and 2
Da t a
C o m m and 1: s et s dat a
C o m m and 2: s et s addr es s
D a t a : d i s pl ay dat a
VD D
OS C
CL K
DI
DO
0 6 $#
K0
S0 / K 0
VE E
S6 ~ S 1 0
S 11/ G 10~ S 15/ G 6
G0 ~ G 5
VS S
LE D 0 LE D 1
V DD
R OS C
CS
MC U
- 25V
5 S egm ent s
5 G r i d s / S egm ent s
6 G r i d s
VF D
LE D 2
LE D 3
V DD
Ef
SW 0 S W 1 SW 2
S W 3
R2
R3
R4
R5
R1
V DD
K1 K2 K3
S 1 /K 1 S 2 / K 2
S 3 /K 3
S 4 / K 4
S 5 /K 5
R6
R7
R8
R9
D1
D2
D3
D4
D5
D6
S0
S1
S2
S3
S4
S5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com