Electronic Components Datasheet Search
  English  ▼

X  

HT16512 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT16512
Description  1/4 to 1/11 Duty VFD Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16512 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT16512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Timing Diagrams
Key scanning and display timing
HT16512
9
December 24, 1999
1
2
3
4
5
6
D ig it 0
D i g i t 0
D i g i t 1
D i g i t 2
D i g i t n
S n / K n out pu t
G 0 out put
G 1 out put
G 2 out put
G n out put
1 f r am e= T ´ (n + 1 )
K e y s c an da t a
T @ 500 m s
N o te : n = 0 ~ 5
t= 1 / 1 6 T
T: p u l s e w i d th o f s e g m e n t s i gnal i s dec i ded b y os c i l l at or f r e quenc y
O n e c y c l e o f k e y s c anni ng c ons i s t s o f one f r a m e .
t
t
CS
t CW
t h
t SU
t PH L
t PL H
90%
10%
t r1
t f
t SW
t CS
Sn / G n
DO
DI
CL K
t CW
(t r2 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com