Electronic Components Datasheet Search
  English  ▼

X  

HT16512 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT16512
Description  1/4 to 1/11 Duty VFD Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16512 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT16512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 9Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HT16512
7
December 24, 1999
SW data
HT16512 provides an extra 4-bit general input port. The SW data is provided with available binary
code. The SW data is read with the read command, starting from the least significant bit. Bits 5
through 8 of the SW data are 0.
Commands
Commands set the display mode and status of the VFD driver.
The first 1 byte input to the HT16512 through the DI pin after the CS pin has fallen, is regarded as a
command. If CS is set high while commands/data are transmitted, serial communication is initial-
ized, and the commands/data being transmitted are not valid (however, the commands/data previ-
ously transmitted remains valid).
· Display mode setting commands
These commands initialize the HT16512 and select the number of segments and the number of
grids (1/4~1/11 duty, 11 segments to 16 segments).
When these commands are executed, the display is forcibly turned off, and key scanning is also
stopped. To resume display, the display command ²ON² must be executed. If the same mode is se-
lected, nothing happens.
D i s p l a y m ode s e t t i ngs
000: 4 d i g i t s , 16 s egm ent s
001: 5 d i g i t s , 16 s egm ent s
010: 6 d i g i t s , 16 s egm ent s
011: 7 d i g i t s , 15 s egm ent s
100: 8 d i g i t s , 14 s egm ent s
101: 9 d i g i t s , 13 s egm ent s
110: 10 di gi t s , 12 s e g m ent s
111: 11 di gi t s , 11 s e g m ent s
D on' t c a r e
00
MS B
L S B
b0
b1
b2
SW 0
SW 1
SW 2
SW 3
MS B
L S B
b0
b1
b2
b3
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com