Electronic Components Datasheet Search
  English  ▼

X  

HT16512 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT16512
Description  1/4 to 1/11 Duty VFD Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16512 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT16512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pin Description
Pin No.
Pin Name
I/O
Description
1~4
SW0~SW3
I
4-bit general purpose input port
5DO
O
Output serial data at the falling edge of the shift clock,
starting from low order bit. This is an NMOS open-drain
output pin.
6DI
I
Input serial data at the rising edge of the shift clock, start-
ing from the low order bit.
7, 43
VSS
¾
Power supply, ground
8
CLK
I
Reads serial data at the rising edge, and outputs data at the
falling edge.
9CS
I
Initializes serial interface at the rising or falling edge of the
HT16512. Then it waits to receive a command. Data input
after CS has fallen is processed as a command. While com-
mand data is processed, current processing is stopped, and
the serial interface is initialized. While CS is high, CLK is
ignored.
10~13
K0~K3
I
Keying data input to these pins is latched at the end of the
display cycle.
14, 38
VDD
¾
Posistive power supply
15~20
S0/K0~S5/K5
O
Segment or key source output pins (dual function). This is
PMOS open-drain and pull-low resistor output.
21~25
S6~S10
O
Segment driver output pins (segment only). This is PMOS
open-drain and pull-low resistor output.
26, 28~31 S11/G10~S15/G6
O
Segment or Grid driver output pins. These pins are
selectable for segment or grid driving. This is PMOS
open-drain and pull-low resistor output.
27
VEE
¾
VFD power supply
37~32
G0~G5
O
Grid driver output pins (Grid only). This is PMOS
open-drain and pull-low resistor output.
42~39
LED0~LED3
O
LED driver output ports. This is a CMOS output pin.
44
OSC
I
Connected to an external resistor or an RC oscillator cir-
cuit.
HT16512
3
December 24, 1999



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com