Electronic Components Datasheet Search
  English  ▼

X  

HT16512 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT16512
Description  1/4 to 1/11 Duty VFD Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16512 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT16512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT16512
1/4 to 1/11 Duty VFD Controller
1
December 24, 1999
Features
·
Logic voltage: 5V
·
High-voltage output: VDD-30V max.
·
Multiple display (11-segment & 11-digit to
16-segment & 4-digit)
·
6´4 matrix key scanning
·
8 steps dimmer circuit
·
4 LED output ports
·
4-bit general purpose input port
·
No external resistors necessary for driver
output (provides PMOS open-drain and
pull-low resistor output)
·
Serial interface with MCU
(CLK, CS, DI, DO)
Applications
·
Consumer products panel function control
·
Industrial measuring instrument panel func-
tion control
·
Other similar application panel function
control
General Description
HT16512 is a VFD (Vacuum Fluorescent Dis-
play) controller/driver that is driven on a 1/4 to
1/11 duty factor. It consists of 11 segment out-
put lines, 6 grid output lines, 5 segment/grid
output drive lines, 4 LED output ports, a con-
trol circuit, a display memory, and a key scan
circuit.
Serial data inputs to the HT16512 through a
three-line serial interface. This VFD control-
ler/driver is ideal as a peripheral device for an
MCU.


Similar Part No. - HT16512

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512 Datasheet
131Kb / 11P
1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512 Datasheet
195Kb / 10P
1/4 to 1/11 Duty VFD Controller
May 3, 2005
HT16512 HOLTEK-HT16512_05 Datasheet
195Kb / 10P
1/4 to 1/11 Duty VFD Controller
May 3, 2005
HT16512 HOLTEK-HT16512_10 Datasheet
131Kb / 11P
1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_12 Datasheet
137Kb / 11P
1/4 to 1/11 Duty VFD Controller
More results

Similar Description - HT16512

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16312 NEC-UPD16312 Datasheet
143Kb / 20P
1/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
AD16312 ETC-AD16312 Datasheet
184Kb / 11P
1/4- TO 1/11-DUTY VFD CONTROLLER/DRIVER
AD6312 ETC-AD6312 Datasheet
226Kb / 13P
1/4- to 1/11 Duty VFD Controller/Driver
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312 Datasheet
434Kb / 16P
1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
27-May-2004
STM86312 STMICROELECTRONICS-STM86312_06 Datasheet
327Kb / 24P
1/4 to 1/11-duty VFD controller/driver
27-Mar-2006
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512_05 Datasheet
195Kb / 10P
1/4 to 1/11 Duty VFD Controller
May 3, 2005
logo
List of Unclassifed Man...
TP6312 ETC2-TP6312 Datasheet
497Kb / 9P
1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512_10 Datasheet
131Kb / 11P
1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_12 Datasheet
137Kb / 11P
1/4 to 1/11 Duty VFD Controller
logo
SHENZHEN FUMAN ELECTRON...
SC16312 FUMAN-SC16312 Datasheet
319Kb / 11P
1/4 to 1/11 Duty VFD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com