Electronic Components Datasheet Search
  English  ▼

X  

HT47C20L Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT47C20L Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
HT47C20L
9
January 18, 2000
T1
T2
T3
T4
T1
T2
T3
T4
T1
T2
T3
T4
F e tc h IN S T ( P C )
E x ec ut e I N S T ( P C - 1 )
F e tc h IN S T ( P C + 1 )
E x ec ut e I N S T ( P C )
F e tc h IN S T ( P C + 2 )
E x ec ut e I N S T ( P C + 1 )
PC
PC + 1
PC + 2
S yst e m C l o c k
I n st r u ct i o n C l o c k
PC
Execution flow
Functional Description
Execution flow
The HT47C20L system clock is derived from a
32768Hz crystal oscillator. The system clock is
internally divided into four non-overlapping
clocks (T1, T2, T3 and T4). One instruction cycle
consists of four system clock cycles.
Instruction fetching and execution are
pipelined in such a way that a fetch takes one
instruction cycle while decoding and execution
takes the next instruction cycle. However, the
pipelining scheme causes each instruction to ef-
fectively execute in one cycle. If an instruction
changes the program counter, two cycles are re-
quired to complete the instruction.
Program counter - PC
The 11-bit program counter (PC) controls the
sequence in which the instructions stored in the
program ROM are executed and its contents
specify a maximum of 2048 addresses.
After accessing a program memory word to fetch
an instruction code, the contents of the program
counter are incremented by one. The program
counter then points to the memory word con-
taining the next instruction code.
When executing a jump instruction, conditional
skip execution, loading PCL register, subrou-
tine call, initial reset, internal interrupt, exter-
nal interrupt or return from subroutine, the PC
manipulates the program transfer by loading
the address corresponding to each instruction.
The conditional skip is activated by instruction.
Once the condition is met, the next instruction,
fetched during the current instruction execu-
tion, is discarded and a dummy cycle replaces it
to get the proper instruction. Otherwise pro-
ceed with the next instruction.
The lower byte of the program counter (PCL) is
a readable and writeable register (06H).
Moving data into the PCL performs a short
jump. The destination will be within 256 loca-
tions.
When a control transfer takes place, an addi-
tional dummy cycle is required.
Program memory - ROM
The program memory is used to store the pro-
gram instructions which are to be executed. It
also contains data, table, and interrupt entries,
and is organized into 2048´16 bits, addressed
by the program counter and table pointer.
Certain locations in the program memory are
reserved for special usage:
· Location 000H
This area is reserved for the initialization pro-
gram. After chip reset, the program always
begins execution at location 000H.
· Location 004H
This area is reserved for the external inter-
rupt service program. If the INT input pin is
activated, and the interrupt is enabled and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com