Electronic Components Datasheet Search
  English  ▼

X  

HT47C20L Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT47C20L Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 19Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 20Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 21Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
HT47C20L
18
January 18, 2000
The system can leave the halt mode by means of
an external reset, an interrupt, an external fall-
ing edge signal on port A or a WDT overflow. An
external reset causes a device initialization and
the WDT overflow performs a ²warm reset².Ex-
amining the TO and PD flags, the reason for
chip reset can be determined. The PD flag is
cleared when system power-up or executing the
CLR WDT instruction and is set when the HALT
instruction is executed. The TO flag is set if the
WDT time-out occurs, and causes a wake-up
that only resets the PC and SP, the others main-
tain their original status.
The port A wake-up and interrupt methods can
be considered as a continuation of normal execu-
tion. Each bit in port A can be independently se-
lected to wake up the device by mask option.
Awakening from an I/O port stimulus, the pro-
gram will resume execution of the next instruc-
tion. If awakening from an interrupt, two
sequences may happen. If the related interrupt is
disabled or the interrupt is enabled but the stack
is full, the program will resume execution at the
next instruction. If the interrupt is enabled and
the stack is not full, a regular interrupt response
takes place.
If an interrupt request flag is set to ²1² before en-
tering the halt mode the wake-up function of the
related interrupt will be disabled.
If the wake-up results from an interrupt acknowl-
edgment, the actual interrupt subroutine execution
will be delayed by more than one cycle. However, if
the wake-up results in the next instruction execu-
tion, the execution will be performed immediately.
To minimize power consumption, all the I/O pins
should be carefully managed before entering the
halt mode.
Reset
There are three ways in which a reset may occur.
· RES reset during normal operation
· RES reset during halt mode
· WDT time-out reset during normal operation
· The LVR is enable and the VDD is lower then
VLVR
The WDT time-out during halt mode is differ-
ent from other chip reset conditions, since it can
perform a warm reset that just resets the PC
and SP leaving the other circuits in their origi-
nal state. Some registers remain unchanged
during other reset conditions. Most registers
are reset to the ²initial condition² when the re-
set conditions are met. By examining the PD
and TO flags, the program can distinguish be-
tween different ²chip resets².
TO
PD
RESET Conditions
0
0
System power-up
uu
RES reset or LVR reset during
normal operation
01
RES reset or LVR reset
wake-up from halt mode
1u
WDT time-out during normal
operation
1
1
WDT wake-up from halt mode
Note: ²u² means ²unchanged²
To guarantee that the crystal oscillator has started
and stabilized, the SST (system start-up timer)
provides an extra delay of 8192 system clock
pulses when the system powers up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com