Electronic Components Datasheet Search
  English  ▼

X  

HT47C20L Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT47C20L Datasheet HTML 37Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 38Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 39Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 40Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 41Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 42Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 43Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 44Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
CLR WDT1
Preclear watchdog timer
Description
The PD, TO flags and WDT are cleared, if the other preclear WDT in-
struction had been executed. Only execution of this instruction without
the other preclear instruction sets the indicating flag which implies that
this instruction was executed and the PD and TO flags remain un-
changed.
Operation
WDT last two bits ¬ 00H*
PD&TO ¬ 0*
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾¾
0*
0*
¾¾¾¾
CLR WDT2
Preclear watchdog timer
Description
The PD, TO flags and WDT are cleared, if the other preclear WDT in-
struction had been executed. Only execution of this instruction without
the other preclear instruction sets the indicating flag which implies that
this instruction was executed and the PD and TO flags remain un-
changed.
Operation
WDT last two bits ¬ 00H*
PD&TO ¬ 0*
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾¾
0*
0*
¾¾¾¾
CPL [m]
Complement data memory
Description
Each bit of the specified data memory is logically complemented (1 s
complement). Bits which previously contain a one are changed to zero
and vice-versa.
Operation
[m]¬ [m]
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
HT47C20L
41
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com