Electronic Components Datasheet Search
  English  ▼

X  

HT47C20L Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT47C20L Datasheet HTML 39Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 40Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 41Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 42Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 43Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 44Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 45Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 46Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
DECA [m]
Decrement data memory and place result in accumulator
Description
Data in the specified data memory is decremented by one, leaving the re-
sult in the accumulator. The contents of the data memory remain un-
changed.
Operation
ACC ¬ [m]-1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
HALT
Enter power down mode
Description
This instruction stops program execution and turn off the system clock.
The contents of the RAM and registers are retained. The WDT is cleared.
The power down bit (PD) is set and the WDT time-out bit (TO) is cleared.
Operation
PC ¬ PC+1
PD ¬ 1
TO ¬ 0
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾¾
01
¾¾¾¾
INC [m]
Increment data memory
Description
Data in the specified data memory is incremented by one.
Operation
[m] ¬ [m]+1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
INCA [m]
Increment data memory and place result in accumulator
Description
Data in the specified data memory is incremented by one, leaving the re-
sult in the accumulator. The contents of the data memory remain un-
changed.
Operation
ACC ¬ [m]+1
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾
¾
¾Ö¾
¾
HT47C20L
43
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com