Electronic Components Datasheet Search
  English  ▼

X  

HT47C20L Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT47C20L Datasheet HTML 47Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 48Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 49Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 50Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 51Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 52Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 53Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 54Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 55Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
SZA [m]
Move data memory to ACC, skip if zero
Description
The contents of the specified data memory is copied to accumulator. If the
contents is zero, the following instruction, fetched during the current in-
struction execution, is discarded and a dummy cycle is replaced to get the
proper instruction. This is a 2-cycle instruction. Otherwise proceed with
the next instruction.
Operation
Skip if [m]=0, ACC¬ [m]
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
SZ [m].i
Skip if bit i of the data memory is zero
Description
If bit i of the specified data memory is zero, the following instruction,
fetched during the current instruction execution, is discarded and a
dummy cycle is replaced to get the proper instruction. This is a 2-cycle in-
struction. Otherwise proceed with the next instruction.
Operation
Skip if [m].i=0
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
TABRDC [m]
Move the ROM code (current page) to TBLH and data memory
Description
The low byte of ROM code (current page) addressed by the table pointer
(TBLP) is moved to the specified data memory and the high byte trans-
ferred to TBLH directly.
Operation
[m] ¬ ROM code (low byte)
TBLH ¬ ROM code (high byte)
Affected flag(s)
TC2 TC1
TO
PD
OV
Z
AC
C
¾
¾
¾¾¾¾¾¾
HT47C20L
53
January 18, 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com