Electronic Components Datasheet Search
  English  ▼

X  

HT47C20L Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT47C20L
Description  8-Bit Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C20L Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT47C20L Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 17Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 18Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 19Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 20Page - Holtek Semiconductor Inc HT47C20L Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
HT47C20L
17
January 18, 2000
Time base
The time base offers a periodic time-out period to
generate a regular internal interrupt. Its time-out
period ranges from fs/212 to fs/215 selected by mask
option. If time base time-out occurs, the related
interrupt request flag (TBF; bit 5 of INTC0) is set.
But if the interrupt is enabled, and the stack is
not full, a subroutine call to location 08H occurs.
When the HALT instruction is executed, the time
base still works and can wake up from halt mode.
If the TBF is set ²1² before entering the halt
mode, the wake up function will be disabled.
Real time clock - RTC
The real time clock is operated in the same
manner as the time base that is used to supply
a regular internal interrupt. Its time-out period
ranges from fs/28 to fs/215 by software program-
ming. Writing data to RT2, RT1 and RT0 (bits 2,
1, 0 of RTCC;09H) yields various time-out
periods. If a real time clock time-out occurs, the
related interrupt request flag (RTF; bit 6 of
INTC0) is set. But if the interrupt is enabled,
and the stack is not full, a subroutine call to lo-
cation 0CH occurs. The real time clock time-out
signal can also be applied as a clock source of
timer/event counter A, so as to get a longer
time-out period.
RT2
RT1
RT0 RTC Clock Divided
Factor
00
0
28
00
1
29
01
0
210
01
1
211
10
0
212
10
1
213
11
0
214
11
1
215
Power down operation - HALT
The halt mode is initialized by the HALT in-
struction and results in the following.
· The 32768Hz crystal oscillator will still work
but the system clock and T1 will turn off.
· The contents of the on-chip RAM and regis-
ters remain unchanged.
· The WDT will be cleared and recount again.
· All I/O ports maintain their original status.
· The PD flag is set and the TO flag is cleared.
· LCD driver is still running (by mask option).
· The time base and real time clock will still
work.
D i v i der
Ma s k O pt i o n
Pr e s c a l e r
LC D D r i v er
T i m e B as e I n t e r r upt
f s /2
~ f s /2
12
15
Bu z z e r
f s /2 ~ f s /2
2
9
f s /8
8
f s /2
f s
Time base
D i v i der
8 t o 1
Mu x .
P r e sca l e r
RT 2
RT 1
RT 0
R eal T i m e C l oc k I n t e r r upt
8
15
f s /2 ~ f s /2
8
f s /2
f s
Real time clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com