Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51RB2 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 78Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 79Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 80Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 81Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 82Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 83Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 84Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 85Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 254 page
background image
82
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
13.4
Mode 2 – 8-bit Auto-Reload Timer/Counter
Mode 2 configures the Timer register as an 8-bit Counter (TL1) with automatic reload, as shown
in Figure 13-3. Overflow from TL1 not only sets TF1, but also reloads TL1 with the contents of
TH1, which is preset by software. The reload leaves TH1 unchanged. Mode 2 operation is the
same for Timer/Counter 0.
The following equation gives the timeout period for Mode 2. In Fast Mode, TPS applies only
when the TnX2 bits in CKCON0 are set. TPS always applies in Compatibility Mode, therefore
setting TnX2 in Compatibility Mode will double the timeout period.
Figure 13-3. Timer/Counter 1 Mode 2: 8-bit Auto-Reload
Note:
RH1/RL1 are not required by Timer 1 during Mode 2 and may be used as temporary storage
registers.
13.5
Mode 3 – 8-bit Split Timer
Timer 1 in Mode 3 simply holds its count. The effect is the same as setting TR1 = 0. Timer 0 in
Mode 3 establishes TL0 and TH0 as two separate counters. The logic for Mode 3 on Timer 0 is
shown in Figure 13-4. TL0 uses the Timer 0 control bits: C/T, GATE0, TR0, INT0, and TF0. TH0
is locked into a timer function (counting clock cycles) and takes over the use of TR1 and TF1
from Timer 1. Thus, TH0 now controls the Timer 1 interrupt. While Timer 0 is in Mode 3, Timer 1
will still obey its settings in TMOD but cannot generate an interrupt.
Mode 3 is for applications requiring an extra 8-bit timer or counter. With Timer 0 in Mode 3, the
AT89LP51RB2/RC2/IC2 can appear to have four Timer/Counters. When Timer 0 is in Mode 3,
Timer 1 can be turned on and off by switching it out of and into its own Mode 3. In this case,
Timer 1 can still be used by the serial port as a baud rate generator or in any application not
requiring an interrupt.
The following equation gives the timeout period for Mode 3. In Fast Mode, TPS applies only
when the TnX2 bits in CKCON0 are set. TPS always applies in Compatibility Mode, therefore
setting TnX2 in Compatibility Mode will double the timeout period.
Mode 2:
Time-out Period
256
THn
–
()
f
SYS
--------------------------------
TPS
1
+
()
×
=
CLKSYS
T1 Pin
TR1
GATE1
TF1
TL1
(8 Bits)
TH1
(8 Bits)
Control
Reload
Interrupt
INT0 Pin
C/T = 0
C/T = 1
÷TPS
Mode 3:
Time-out Period
256
f
SYS
-----------
TPS
1
+
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com