Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51RB2 Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 13Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 14Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 15Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 16Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 17Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 18Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 19Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 20Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 254 page
background image
17
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
3.3
External Data Memory
AT89LP microcontrollers support a 16-bit external memory address space for up to 64K bytes of
external data memory (XDATA). The external memory space is accessed with the MOVX
instructions. Some internal data memory resources are mapped into portions of the external
address space as shown in Figure 3-6. These memory spaces may require configuration before
the CPU can access them. The AT89LP51RB2/RC2/IC2 includes 1152 bytes of on-chip Extra
RAM (EDATA).
3.3.1
XDATA
The external data memory space can accommodate up to 64KB of external memory. The
AT89LP51RB2/RC2/IC2 uses the standard 8051 external data memory interface with the upper
address byte on Port 2, the lower address byte and data in/out multiplexed on Port 0, and the
ALE, RD and WR strobes. XDATA can be accessed with both 16-bit (MOVX @DPTR) and 8-bit
(MOVX @Ri) addresses. See Section 3.3.2 on page 18 for more details of the external memory
interface.
Some internal data memory spaces are mapped into portions of the XDATA address space. In
this case the lower address ranges will access internal resources instead of external memory.
Addr es se s a bove t h e r a ng e imple m ent ed int e rn a lly will def au l t t o X D AT A. The
AT89LP51RB2/RC2/IC2 supports up to 60–62K bytes of external memory when using the inter-
nally mapped memories. Setting the EXTRAM bit (AUXR.1) to one will force all MOVX
instructions to access the entire 64KB XDATA regardless of their address (See “AUXR – Auxil-
iary Control Register” on page 19).
Figure 3-6.
External Data Memory Map
Extra RAM
(EDATA: 1KB)
03FF
Flash Program
(CODE: 32KB)
0000
0400
FFFF
External Data
(XDATA: 64KB)
External Data
(XDATA: 62KB)
FFFF
7FFF
EXRAM = 1
XRS = x
FPS = x
EXRAM = 0
XRS = 011B
FPS = 0
EXRAM = 0
XRS = x
FPS = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com