Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51RB2 Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 81Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 82Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 83Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 84Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 85Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 86Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 87Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 88Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 254 page
background image
85
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 13-7. Timer/Counter 1 PWM Mode 1
13.6.3
Mode 2 – 8-bit Frequency Generator
Timer n in PWM Mode 2 functions as an 8-bit Auto-Reload timer, the same as normal Mode 2,
with the exception that the output pin Tn is toggled at every TLn overflow (see Figure 13-8 and
Figure 13-9 on page 86). Timer 1 in PWM Mode 2 is identical to Timer 0. PWM Mode 2 can be
used to output a square wave of varying frequency. THn acts as an 8-bit counter. The following
formula gives the output frequency for Timer n in PWM Mode 2.
Note:
In Fast Mode, TPS applies only when the TnX2 bits in CKCON0 are set. TPS always
applies in Compatibility Mode, therefore setting TnX2 in Compatibility Mode will halve
the output frequency.
Figure 13-8. Timer/Counter 1 PWM Mode 2
CLKSYS
TR1
GATE1
INT1 Pin
TL1
(8 Bits)
Control
TH1
(8 Bits)
OCR1
RH1
(8 Bits)
=
T1
RL1
(8 Bits)
÷TPS
Mode 2:
f
out
fSYS
2256
THn
–
()
×
------------------------------------------
1
TPS
1
+
---------------------
×
=
CLKSYS
TR1
GATE1
INT1 Pin
TL1
(8 Bits)
Control
T1
TH1
(8 Bits)
÷TPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com