Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51RB2 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 84Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 85Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 86Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 87Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 88Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 89Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 90Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 91Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 254 page
background image
88
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Note:
In Fast Mode, TPS applies only when the T2X2 bit in CKCON0 is set. TPS always
applies in Compatibility Mode, therefore setting T2X2 in Compatibility Mode will halve
the timer frequency.
In the Counter function, the register is incremented in response to a 1-to-0 transition at its corre-
sponding external input pin, T2. In Fast mode the external input is sampled every clock cycle.
When the samples show a high in one cycle and a low in the next cycle, the count is incre-
mented. The new count value appears in the register during the cycle following the one in which
the transition was detected. Since 2 clock cycles are required to recognize a 1-to-0 transition,
the maximum count rate is 1/2 of the system frequency. There are no restrictions on the duty
cycle of the input signal, but it should be held for at least one full clock cycle to ensure that a
given level is sampled at least once before it changes.
In Compatibility mode the counter input sampling is controlled by the prescaler. Since TPS
defaults to 6 in this mode, the pins are sampled every six system clocks. Therefore the input sig-
nal should be held for at least six clock cycles to ensure that a given level is sampled at least
once before it changes.
The following definitions for Timer 2 are used in the subsequent paragraphs:
Table 14-1.
Timer 2 Operating Modes
RCLK + TCLK
CP/RL2
DCEN
T2OE
TR2
MODE
00
0
0
1
16-bit Auto-reload
00
1
0
1
16-bit Auto-reload Up-Down
01
X
0
1
16-bit Capture
1
XXX
1
Baud Rate Generator
XX
X
1
1
Frequency Generator
X
X
X
X
0
(Off)
Table 14-2.
Timer 2 Definitions
Symbol
Definition
MIN
0000H
MAX
FFFFH
BOTTOM
16-bit value of {RCAP2H,RCAP2L}
fTIMER
f
SYS
2
T2X2
TPS
1
+
()
×
------------------------------------------------
=
Compatibility Mode
fTIMER
fSYS
TPS
1
+
---------------------
=
Fast Mode and T2X2 = 1
f
TIMER
f
SYS
=
Fast Mode and T2X2 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com