Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51RB2 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 50Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 51Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 52Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 53Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 54Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 55Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 56Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 57Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 254 page
background image
54
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
7.4
Hardware Watchdog Reset
When the Hardware Watchdog times out, it will generate a reset pulse lasting 49 clock cycles.
By default this pulse is also output on the RST pin. The output pulse is either open-drain or
open-source as shown in Figure 7-4. In order to properly propagate this pulse to the rest of the
board in the case of an external capacitor or power-supply supervisor circuit, a 1 k
Ω resistor
should be placed in series with any external driving circuitry as shown in Figure 7-5. To disable
the RST output the DISRTO bit in the WDTPRG register must be set to one. Watchdog reset will
set the WDTOVF flag in WDTPRG. To prevent a Watchdog reset, the watchdog reset sequence
1EH/E1H must be written to WDTRST before the Watchdog times out. See Section 16. on page
104 for details on the operation of the Watchdog.
Figure 7-5.
Recommended Reset Output Schematics
7.5
PCA Watchdog Reset
Module 4 of the Programmable Counter Array (PCA) can be configured as a watchdog timer.
When a compare match occurs between module 4 and the PCA timer, it will generate an internal
reset pulse lasting 16 clock cycles. This pulse is never output on the RST pin. See Section 15.7
on page 104 for details on the operation of the PCA Watchdog.
7.6
Software Reset
The CPU may generate a 49-clock cycle reset pulse by writing the software reset sequence
5AH/A5H to the WDRST register. A software reset will set the SWRST bit in WDTPRG. See
“Software Reset” on page 105 for more information on software reset. Writing any sequences
other than 5AH/A5H or 1EH/E1H to WDTRST will generate an immediate reset and set both
WDTOVF and SWRST to flag an error. Software reset will also drive the RST pin active unless
DISRTO is set.
RST
POL = 1
AT89LP51xD2
To other
on-board
circuitry
1 k
Ω
Vcc
+
RST
Vcc
RST
POL = 0
AT89LP51xD2
To other
on-board
circuitry
1 k
Ω
+
RST
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com