Electronic Components Datasheet Search
  English  ▼

X  

AT89LP51RB2 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT89LP51RB2
Description  8-bit Microcontroller Compatible with 8051 Products
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51RB2 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT89LP51RB2 Datasheet HTML 53Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 54Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 55Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 56Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 57Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 58Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 59Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 60Page - ATMEL Corporation AT89LP51RB2 Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 254 page
background image
57
3722A–MICRO–10/11
AT89LP51RB2/RC2/IC2 Preliminary
Figure 8-2.
Interrupt Recovery from Power-down (PWDEX = 0)
8.2.2
Reset Recovery from Power-down
The wake-up from Power-down through an external reset is similar to the interrupt with
PWDEX = “1”. At the rising edge of RST, Power-down is exited, the oscillator is restarted, and
an internal timer begins counting as shown in Figure 8-3. The internal clock will not be allowed to
propagate to the CPU until after the timer has timed out. The time-out period is controlled by the
Start-up Timer Fuses. (See Table 7-1 on page 52). If RST returns low before the time-out, a two
clock cycle internal reset is generated when the internal clock restarts. Otherwise, the device will
remain in reset until RST is brought low.
Figure 8-3.
Reset Recovery from Power-down (POL = 1)
8.3
Reducing Power Consumption
Several possibilities need consideration when trying to reduce the power consumption in an
8051-based system.
• Idle or Power-down mode should be used as often as possible with interrupts waking up the
system to handle specific tasks
• All un-needed peripheral functions should be disabled
•The System Clock Prescaler can scale down the operating frequency during periods of low
demand (See “System Clock Prescaler” on page 47.)
• The ALE output can be disabled by setting AO in AUXR, thereby also reducing EMI
•For AT89LP51IC2, switch the system clock from a high power oscillator like XTALA to a lower
power oscillator like the internal 8 MHz oscillator during periods when frequency accuracy is
not as important.
PWD
INT1
XTAL1
Internal
Clock
PWD
RST
XTAL1
tSUT
Internal
Clock
Internal
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com