Electronic Components Datasheet Search
  English  ▼

X  

GMS36 Datasheet(PDF) 107 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 107 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 101Page - Hynix Semiconductor GMS36 Datasheet HTML 102Page - Hynix Semiconductor GMS36 Datasheet HTML 103Page - Hynix Semiconductor GMS36 Datasheet HTML 104Page - Hynix Semiconductor GMS36 Datasheet HTML 105Page - Hynix Semiconductor GMS36 Datasheet HTML 106Page - Hynix Semiconductor GMS36 Datasheet HTML 107Page - Hynix Semiconductor GMS36 Datasheet HTML 108Page - Hynix Semiconductor GMS36 Datasheet HTML 109Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 107 / 109 page
background image
9-14
:ULWH XVLQJ WKH
(3520 :ULWHU
6FUHHQLQJ
Î  KRXUV
9HULI\ 7HVW XVLQJ
(3520 :ULWHU
)XQFWLRQ 7HVW
XVLQJ 0DQXDO 7HVW
Caution when programming
IDLO
5HVHW
6HW (3520 ZULWH PRGH
67$57
)LUVW $GGUHVV
Q 
Q â Q
(SURP :ULWH
5HSHDW XQWLO QHDU XV
XV XV #N+]
9HULI\
DGGUHVV   â DGGUHVV
SDVV
IDLO
\HV
QR
QR
\HV
(SURP :ULWH
:ULWH RQH PRUH WLPH
5HVHW
6HW (SURP 5HDG PRGH
UHDG DOO DGGUHVV
(1'
IDLO
SDVV
&KDQJH WKH PRGH
933 9 9'' 9
UHDG DOO DGGUHVV
%ODQN 9HULI\
SDVV
5HVHW
6HW (SURP 5HDG PRGH
 9'' 9
 933 9
&KDQJH WKH PRGH
933 9 9'' 9
 9'' 9
 933 9
 9'' 9
 933 9
5HSRUW
%ODQN 9HULI\
)DLOXUH
ODVW DGGUHVV "
Q"
6HW 933 9
6HW 9'' 9
5HSRUW
3URJUDPPLQJ
)DLOXUH
5HSRUW
3URJUDPPLQJ
2.
5HSRUW
9HULI\
)DLOXUH
Ý Timing Flowchart for Eprom Program / Verify.
Chapter 9. EPROM
Writing should be done at the defined voltage and timing. In case of EPROM mode, programming
voltage is 12.5V. More than defined voltage can give device so great damage to destroy it.
Before writing you had better ascertain the characteristics of socket and socket adapter of EPROM
writer. It can happen to write error when you touch socket adapter or device. We recommend below
flow to improve reliability after writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com