Electronic Components Datasheet Search
  English  ▼

X  

GMS81024 Datasheet(PDF) 88 Page - Hynix Semiconductor

Part # GMS81024
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81024 Datasheet(HTML) 88 Page - Hynix Semiconductor

Back Button GMS81024 Datasheet HTML 84Page - Hynix Semiconductor GMS81024 Datasheet HTML 85Page - Hynix Semiconductor GMS81024 Datasheet HTML 86Page - Hynix Semiconductor GMS81024 Datasheet HTML 87Page - Hynix Semiconductor GMS81024 Datasheet HTML 88Page - Hynix Semiconductor GMS81024 Datasheet HTML 89Page - Hynix Semiconductor GMS81024 Datasheet HTML 90Page - Hynix Semiconductor GMS81024 Datasheet HTML 91Page - Hynix Semiconductor GMS81024 Datasheet HTML 92Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 101 page
background image
7 - 4
7.3 Low Voltage Detection Mode
7.3.1 Low voltage detection condition
An on board voltage comparator checks that VDD is at the required level to ensure
correct operation of the device. If VDD is below a certain level, Low voltage detector
forces the device into low voltage detection mode.
7.3.2 Low Voltage Detection Mode
There is no power consumption except stop current, stop mode release function is
disabled. All I/O port is configured as input mode and Data memory is retained until
voltage through external capacitor is worn out. In this mode, all port can be selected with
Pull-up resistor by Mask option. If there is no information on the Mask option sheet ,the
default pull up option (all port connect to pull-up resistor ) is selected.
7.3.3 Release of Low Voltage Detection Mode
Reset signal result from new battery(normally 3V) wakes the low voltage detection mode
and come into normal reset state. It depends on user whether to execute RAM clear
routine or not.
Chapter7. Reset Function
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0¡É
10¡É
20¡É
30¡É
40¡É
50¡É
60¡É
70¡É
Temperature(¡É)
Low Voltage (V)
2.6
2.8
3.0
Fig 7.5 Low Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com