Electronic Components Datasheet Search
  English  ▼

X  

GMS81024 Datasheet(PDF) 73 Page - Hynix Semiconductor

Part # GMS81024
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81024 Datasheet(HTML) 73 Page - Hynix Semiconductor

Back Button GMS81024 Datasheet HTML 69Page - Hynix Semiconductor GMS81024 Datasheet HTML 70Page - Hynix Semiconductor GMS81024 Datasheet HTML 71Page - Hynix Semiconductor GMS81024 Datasheet HTML 72Page - Hynix Semiconductor GMS81024 Datasheet HTML 73Page - Hynix Semiconductor GMS81024 Datasheet HTML 74Page - Hynix Semiconductor GMS81024 Datasheet HTML 75Page - Hynix Semiconductor GMS81024 Datasheet HTML 76Page - Hynix Semiconductor GMS81024 Datasheet HTML 77Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 101 page
background image
5 - 8
Interrupt vector of BRK instruction is shared by vector of Table Call(TCALL0). When
both instruction of BRK and TCALL0 are used, as shown in Fig. 5.4 each processing
routine is judged by contents of B flag.
There is no instruction to reset directly B flag.
B flag
BRK INTERRUPT ROUTINE
TCALL0 ROUTINE
RETI
RET
BRK or
TCALL0
0
1
Fig. 5.4 Execution of BRK or TCALL0
5.6 MULTIPLE INTERRUPT
If there is an interrupt, Interrupt Mask Enable Flag is automatically cleared before
entering the Interrupt Service Routine. After then, no interrupt is accepted. If EI
instruction is executed, interrupt mask enable bit becomes ¡È1¡È, and each enable bit
can accept interrupt request. When two or more interrupts are generated
simultaneously, the highest priority interrupt set by Interrupt Mode Register is accepted.
Chapter 5. Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com