Electronic Components Datasheet Search
  English  ▼

X  

GMS81024 Datasheet(PDF) 63 Page - Hynix Semiconductor

Part # GMS81024
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81024 Datasheet(HTML) 63 Page - Hynix Semiconductor

Back Button GMS81024 Datasheet HTML 59Page - Hynix Semiconductor GMS81024 Datasheet HTML 60Page - Hynix Semiconductor GMS81024 Datasheet HTML 61Page - Hynix Semiconductor GMS81024 Datasheet HTML 62Page - Hynix Semiconductor GMS81024 Datasheet HTML 63Page - Hynix Semiconductor GMS81024 Datasheet HTML 64Page - Hynix Semiconductor GMS81024 Datasheet HTML 65Page - Hynix Semiconductor GMS81024 Datasheet HTML 66Page - Hynix Semiconductor GMS81024 Datasheet HTML 67Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 101 page
background image
4 - 25
4.2.4 Timer2
Timer2 operates as a up-counter. The content of T2DR are compared with the
contents of up-counter. If a match is found. Timer2 interrupt (IFT2) is generated
and the up-counter is cleared to ¡È00H¡È. Therefore, Timer2 executes as a
interval timer. Interrupt period is determined by the count source clock for the
Timer2 and content of T2DR.
When T2ST is set to 1, count value of Timer 2 is cleared and starts counting-
cup. For clearing and starting the Timer2. T2ST have to set to ¡È1¡È after set to
¡È0¡È. In order to write a value directly into the T2DR, T2ST should be set to
¡È0¡È. Count value of Timer2 can be read at any time.
Fig. 4. 14 Operation of Timer2
Concurrence
Concurrence
Concurrence
CLEAR
CLEAR
CLEAR
0
T2 Data
Registers
Value
T2 Value
INTERRUPT
INTERRUPT
INTERRUPT
Interval period
IFT0
Chapter 4. Peripheral Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com