Electronic Components Datasheet Search
  English  ▼

X  

GMS81024 Datasheet(PDF) 43 Page - Hynix Semiconductor

Part # GMS81024
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81024 Datasheet(HTML) 43 Page - Hynix Semiconductor

Back Button GMS81024 Datasheet HTML 39Page - Hynix Semiconductor GMS81024 Datasheet HTML 40Page - Hynix Semiconductor GMS81024 Datasheet HTML 41Page - Hynix Semiconductor GMS81024 Datasheet HTML 42Page - Hynix Semiconductor GMS81024 Datasheet HTML 43Page - Hynix Semiconductor GMS81024 Datasheet HTML 44Page - Hynix Semiconductor GMS81024 Datasheet HTML 45Page - Hynix Semiconductor GMS81024 Datasheet HTML 46Page - Hynix Semiconductor GMS81024 Datasheet HTML 47Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 101 page
background image
4 - 5
4.1.4.1 Control of B.I.T
If bit3(BTCL) of CKCTLR is set to ¡È1¡È, B.I.T is cleared, and then, after one machine
cycle, BTCL becomes ¡È0¡È, and B.I.T starts counting. BTCL is set to ¡È0¡È in reset
state.
-
-
WDTON
ENPCK
BTCL
BTS2
BTS1
BTS0
CKCTLR
W <00C7H>
BTCL
0
1
B.I.T Operation
free-run
Automatically cleared, after one cycle
7
0
Clock Control Register
4.1.4.2 Input Clock Selection of Basic Interval Timer
The input clock of B.I.T can be selected from the prescaler within a range of 2us to
256us by clock input selection bits(BTS2~BTS0). (at fex = 4MHz).
In reset state, or power on reset, BTS2=1, BTS1=1, BTS0=1 to secure the longest
oscillation stabilization time.
B.I.T can generate the wide range of basic interval time interrupt request(IFBIT) by
selecting prescaler output.
Interrupt interval can be selected to 8 kinds of interval time as shown in Table. 4.1.
Chapter 4. Peripheral Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com