Electronic Components Datasheet Search
  English  ▼

X  

GMS81024 Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # GMS81024
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81024 Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button GMS81024 Datasheet HTML 14Page - Hynix Semiconductor GMS81024 Datasheet HTML 15Page - Hynix Semiconductor GMS81024 Datasheet HTML 16Page - Hynix Semiconductor GMS81024 Datasheet HTML 17Page - Hynix Semiconductor GMS81024 Datasheet HTML 18Page - Hynix Semiconductor GMS81024 Datasheet HTML 19Page - Hynix Semiconductor GMS81024 Datasheet HTML 20Page - Hynix Semiconductor GMS81024 Datasheet HTML 21Page - Hynix Semiconductor GMS81024 Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 101 page
background image
1 - 13
1.6 Electrical Characteristics
1.6.1 Absolute Maximum Ratings (Ta = 25¡É)
Chapter 1. Overview
1.6.2 Recommended Operating Ranges
PARAMETER
Supply Voltage
Input Voltage
Output Voltage
Operating Temperature
Storage Temperature
Power Dissipation
SYMBOL
VDD
VI
VO
Topr
Tstg
PD
RATINGS
-0.3 ~ +7.0
-0.3 ~ VDD + 0.3
0 ~ 70
-65 ~ 150
700
-0.3 ~ VDD + 0.3
UNIT
V
V
¡É
¡É
mW
V
PARAMETER
SYMBOL
CONDITION
UNIT
Supply Voltage
VDD1
VDD2
Operating Temperature
Topr
Oscillation Frequency
fXin
fXin = 1MHz
fXin = 2MHz
fXin = 4MHz
MIN.
TYP.
MAX.
V
V
MHz
¡É
2.0
2.2
4.0
4.0
2.0
1.0
0
70
4.0
1.6.2 Recommended Operating Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com