Electronic Components Datasheet Search
  English  ▼

X  

GMS81024 Datasheet(PDF) 37 Page - Hynix Semiconductor

Part # GMS81024
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81024 Datasheet(HTML) 37 Page - Hynix Semiconductor

Back Button GMS81024 Datasheet HTML 33Page - Hynix Semiconductor GMS81024 Datasheet HTML 34Page - Hynix Semiconductor GMS81024 Datasheet HTML 35Page - Hynix Semiconductor GMS81024 Datasheet HTML 36Page - Hynix Semiconductor GMS81024 Datasheet HTML 37Page - Hynix Semiconductor GMS81024 Datasheet HTML 38Page - Hynix Semiconductor GMS81024 Datasheet HTML 39Page - Hynix Semiconductor GMS81024 Datasheet HTML 40Page - Hynix Semiconductor GMS81024 Datasheet HTML 41Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 101 page
background image
3 - 5
3.3 PORT R2
3.3.1 PORT R2 Registers
REGISTERS
R2 I/O Data Direction Register
SYMBOL
R/W
RESET VALUE
ADDRESS
R2DD
W
00H
00C5H
R2 Data Register
R2
R/W
Undefined
00C4H
Table 3.3 Port R2 Registers
R2DD7
R2DD6
R2DD5
R2DD4
R2DD3
R2DD2
R2DD1
R2DD0
<00C5H>
R2DD
bit
initial value
R/W
7
0
W
6
0
W
5
0
W
4
0
W
3
0
W
2
0
W
1
0
W
0
0
W
3.3.2 I/O Data Direction Register (R2DD)
R2 Data Direction Register(R2DD) is 8-bit register, and can assign input state or output
state or output state to each bit. If R2DD is ¡È1¡È, port R2 is in the output state, and if
¡È0¡È, it is in the input state.
R2DD is write-only register. Since R2DD is initialized as ¡È00H¡È in reset state, the
whole port R2 becomes input state.
R27
R26
R25
R24
R23
R22
R21
R20
<00C4H>
R2
bit
initial value
R/W
7
X
R/W
6
X
R/W
5
X
R/W
4
X
R/W
3
X
R/W
2
X
R/W
1
X
R/W
0
X
R/W
3.3.3 Data Register (R2)
R2 Data Register(R2) is 8-bit register to store data of port R2.
When setted as the output state by R2DD, and data is written in R2, data is output into
R2 pin. When setted as input state, input state of pin is read.
The initial value of R2 is unknown in reset state.
Chapter 3. I/O PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com