Electronic Components Datasheet Search
  English  ▼

X  

GMS81C50 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # GMS81C50
Description  8-BIT SINGLE CHIP MICROCONTROLLERS
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C50 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button GMS81C50 Datasheet HTML 9Page - Hynix Semiconductor GMS81C50 Datasheet HTML 10Page - Hynix Semiconductor GMS81C50 Datasheet HTML 11Page - Hynix Semiconductor GMS81C50 Datasheet HTML 12Page - Hynix Semiconductor GMS81C50 Datasheet HTML 13Page - Hynix Semiconductor GMS81C50 Datasheet HTML 14Page - Hynix Semiconductor GMS81C50 Datasheet HTML 15Page - Hynix Semiconductor GMS81C50 Datasheet HTML 16Page - Hynix Semiconductor GMS81C50 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
GMS81C50 Series
HYUNDAI
10
5. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
TEST: Used for shipping inspection of the IC. For normal
operation, it should be connected to VDD.
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal main clock operating circuit.
XOUT: Output from the inverting oscillator amplifier.
R00~R07: R0 is an 8-bit CMOS bidirectional I/O port. R0
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
R10~R17: R1 is an 8-bit CMOS bidirectional I/O port. R1
pins 1 or 0 written to the Port Direction Register can be
used as outputs or inputs.
In addition, R1 serves the functions of the various follow-
ing special features.
R20~R22, R30~R37 : R2 & R3 is a 8-bit CMOS bidirec-
tional I/O port. Each pins 1 or 0 written to the their Port Di-
rection Register can be used as outputs or inputs.
R40 : R40 is 1-bit CMOS bidirectional I/O port. This pin 1
or 0 written to the its Port Direction Register can be used
as outputs or inputs.
Port pin
Alternate function
R11
R12
R14
R15
R16
R17
INT1 (External Interrupt input 1)
INT2 (External Interrupt input 2)
/EC (Event Counter input )
T2 (Timer / Counter input 2)
T1 (Timer / Counter input 1)
T0 (Timer / Counter input 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com