Electronic Components Datasheet Search
  English  ▼

X  

GMS81C50 Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # GMS81C50
Description  8-BIT SINGLE CHIP MICROCONTROLLERS
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C50 Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button GMS81C50 Datasheet HTML 26Page - Hynix Semiconductor GMS81C50 Datasheet HTML 27Page - Hynix Semiconductor GMS81C50 Datasheet HTML 28Page - Hynix Semiconductor GMS81C50 Datasheet HTML 29Page - Hynix Semiconductor GMS81C50 Datasheet HTML 30Page - Hynix Semiconductor GMS81C50 Datasheet HTML 31Page - Hynix Semiconductor GMS81C50 Datasheet HTML 32Page - Hynix Semiconductor GMS81C50 Datasheet HTML 33Page - Hynix Semiconductor GMS81C50 Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 99 page
background image
HYUNDAI
GMS81C50 Series
27
8.3 Data Memory
Figure 8-8 shows the internal Data Memory space availa-
ble. Data Memory is divided into 3 groups, a user RAM,
control registers, Stack.
Figure 8-8 Data Memory Map
User Memory
The GMS81C50 Series has 448
× 8 bits for the user mem-
ory (RAM).
Control Registers
The control registers are used by the CPU and Peripheral
function blocks for controlling the desired operation of the
device. Therefore these registers contain control and status
bits for the interrupt system, the timer/ counters, analog to
digital converters and I/O ports. The control registers are in
address range of 0C0H to 0FFH.
Note that unoccupied addresses may not be implemented
on the chip. Read accesses to these addresses will in gen-
eral return random data, and write accesses will have an in-
determinate effect.
More detailed informations of each register are explained
in each peripheral section.
Note: Write only registers can not be accessed by bit ma-
nipulation instruction. Do not use read-modify-write instruc-
tion. Use byte manipulation instruction.
Example; To write at CKCTLR
LDM
CLCTLR,#09H ;Divide ratio
÷8
Stack Area
The stack provides the area where the return address is
saved before a jump is performed during the processing
routine at the execution of a subroutine call instruction or
the acceptance of an interrupt.
When returning from the processing routine, executing the
subroutine return instruction [RET] restores the contents of
the program counter from the stack; executing the interrupt
return instruction [RETI] restores the contents of the pro-
gram counter and flags.
The save/restore locations in the stack are determined by
the stack pointed (SP). The SP is automatically decreased
after the saving, and increased before the restoring. This
means the value of the SP indicates the stack location
number for the next save. Refer to Figure 8-3 on page 22.
RAM
(192 Bytes)
CONTROL
REGISTERS
0000H
00BFH
00C0H
00FFH
0100H
01FFH
PAGE0
PAGE1
RAM (STACK)
(256 Bytes)
Address
Function Register
Read
Write
Symbol
RESET Value
00C0h
PORT R0 DATA REG.
R/W
R0
undefined
00C1h
PORT R0 DATA DIRECTION REG.
W
R0DD
00000000b
00C2h
PORT R1 DATA REG.
R/W
R1
undefined
00C3h
PORT R1 DATA DIRECTION REG.
W
R1DD
00000000b
00C4h
PORT R2 DATA REG.
R/W
R2
undefined
00C5h
PORT R2 DATA DIRECTION REG.
W
R2DD
00000000b
00C6h
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com