Electronic Components Datasheet Search
  English  ▼

X  

GMS81C50 Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # GMS81C50
Description  8-BIT SINGLE CHIP MICROCONTROLLERS
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81C50 Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button GMS81C50 Datasheet HTML 18Page - Hynix Semiconductor GMS81C50 Datasheet HTML 19Page - Hynix Semiconductor GMS81C50 Datasheet HTML 20Page - Hynix Semiconductor GMS81C50 Datasheet HTML 21Page - Hynix Semiconductor GMS81C50 Datasheet HTML 22Page - Hynix Semiconductor GMS81C50 Datasheet HTML 23Page - Hynix Semiconductor GMS81C50 Datasheet HTML 24Page - Hynix Semiconductor GMS81C50 Datasheet HTML 25Page - Hynix Semiconductor GMS81C50 Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 99 page
background image
HYUNDAI
GMS81C50 Series
19
7.6 AC characteristics (VDD=2.2~4.0V, Vss=0V, Ta=0~70’C)
(Continued)
Parameter
Symbol
Pin
Specification
Unit
min.
typ.
max.
No.
External clock input cycle time
System clock cycle time
1
2
tcp
Xin
250
500
1000
ns
tsys
500
1000
2000
ns
External clock pulse width High
3tcpH
40
ns
Xin
Xin
External clock pulse width Low
4tcpL
40
ns
Xin
External clock rising time
5trcp
40
ns
Xin
External clock falling time
6
tfcp
40
ns
INT1~ INT2
interrupt pulse width High
7
tIH
2
tsys
INT1~ INT2
Interrupt pulse width Low
8
tIL
2
tsys
Reset input pulse width low
9tRSTL
8
tsys
Event counter input pulse width high
10
tECH
2
tsys
RESET
EC
Event counter input pulse width low
11
tECL
2
tsys
EC
Event counter input pulse rising time
12
trEC
40
ns
EC
Event counter input pulse falling time
13
tfEC
40
ns
EC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com