Electronic Components Datasheet Search
  English  ▼

X  

HMS87C1102 Datasheet(PDF) 32 Page - Hynix Semiconductor

Part # HMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1102 Datasheet(HTML) 32 Page - Hynix Semiconductor

Back Button HMS87C1102 Datasheet HTML 28Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 29Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 30Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 31Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 32Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 33Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 34Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 35Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 36Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
29
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
C0H
RA
RA Port Data Register
C1H
RAIO
RA Port Direction Register
C2H
RB
RB Port Data Register
C3H
RBIO
RB Port Direction Register
C4H
RC
RC Port Data Register
C5H
RCIO
RC Port Direction Register
C6H
RD
RD Port Data Register
C7H
RDIO
RD Port Direction Register
CAH
RAFUNC
ANSEL7
ANSEL6
ANSEL5
ANSEL4
ANSEL3
ANSEL2
ANSEL1
ANSEL0
CBH
RBFUNC
TMR2OV
EC1I
PWM1O
PWM0O
INT1I
INT0I
BUZO
AVREFS
CCH
PUPSEL
-
-
-
-
PUPSEL3 PUPSEL2 PUPSEL1 PUPSEL0
D0H
TM0
-
-
CAP0
T0CK2
T0CK1
T0CK0
T0CN
T0ST
D1H
T0/TDR0/
CDR0
Timer0 Register / Timer0 Data Register / Capture0 Data Register
D2H
TM1
POL
16BIT
PWM0E
CAP1
T1CK1
T1CK0
T1CN
T1ST
D3H
TDR1/
T1PPR
Timer1 Data Register / PWM0 Period Register
D4H
T1/CDR1/
T1PDR
Timer1 Register / Capture1 Data Register / PWM0 Duty Register
D5H
PWM0HR
PWM0 High Register
DEH
BUR
BUCK1
BUCK0
BUR5
BUR4
BUR3
BUR2
BUR1
BUR0
E2H
IENH
INT0E
INT1E
T0E
T1E
----
E3H
IENL
ADE
WDTE
BITE
-----
E4H
IRQH
INT0IF
INT1IF
T0IF
T1IF
----
E5H
IRQL
ADIF
WDTIF
BITIF
-----
E6H
IEDS
----
IED1H
IED1L
IED0H
IED0L
EAH
ADCM
-
-
ADEN
ADS2
ADS1
ADS0
ADST
ADSF
EBH
ADCR
ADC Result Data Register
ECH
BITR1
Basic Interval Timer Data Register
ECH
CKCTLR1
-
WAKEUP
RCWDT
WDTON
BTCL
BTS2
BTS1
BTS0
EDH
WDTR
WDTCL
7-bit Watchdog Counter Register
EFH
PFDR2
----
PFDOPR
PFDIS
PFDM
PFDS
Table 8-3 Control Registers of HMS87C1X0XA
These registers of shaded area can not be accessed by bit manipulation instruction as “SET1, CLR1”, but should be accessed by
register operation instruction as “LDM dp,#imm”.
1.The register BITR and CKCTLR are located at same address. Address ECH is read as BITR, written to CKCTLR.
2.The register PFDR only be implemented on devices, not on In-circuit Emulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com