Electronic Components Datasheet Search
  English  ▼

X  

HMS87C1102 Datasheet(PDF) 52 Page - Hynix Semiconductor

Part # HMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1102 Datasheet(HTML) 52 Page - Hynix Semiconductor

Back Button HMS87C1102 Datasheet HTML 48Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 49Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 50Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 51Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 52Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 53Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 54Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 55Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 56Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
HMS87C130XA/120XA/110XA
Apr. 2001 ver1.0
49
Figure 12-11 Example of PWM at 8MHz
Figure 12-12 Example of Changing the Period in Absolute Duty Cycle (@8MHz)
fXIN
T1
PWM
01
02
03
04
05
7F
80
81
3FF
02
03
POL=1
PWM
POL=0
Duty Cycle [80H x 125nS = 16uS]
Period Cycle [3FFH x 125nS = 127.875uS, 7.8KHz]
PWM0HR = 0CH
T1PPR = FFH
T1PDR = 80H
T1CK[1:0] = 00 (fXIN)
PWM0HR3 PWM0HR2
PWM0HR1 PWM0HR0
T1PPR (8-bit)
T1PDR (8-bit)
Period
Duty
11
FFH
00
80H
00
01
00
Source
T1
PWM
POL=1
Duty Cycle
Period Cycle [0EH x 1uS = 14uS, 71KHz]
PW M 0 HR = 0 0H
T 1 PPR = 0 E H
T 1 PDR = 0 5H
T 1 C K [1:0 ] = 10 (1 uS )
01 02
03
04
05
06
08
09
0B 0C 0D 0E
01 02
03
04
05
06 07
08
09
0A
01 02
03 04
07
0A
05
[05H x 1uS = 5uS]
Duty Cycle
[05H x 1uS = 5uS]
Period Cycle [0AH x 1uS = 10uS, 100KHz]
Duty Cycle
[05H x 1uS = 5uS]
Write T1PPR to 0AH
Period changed
clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com