Electronic Components Datasheet Search
  English  ▼

X  

HMS87C1102 Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # HMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1102 Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button HMS87C1102 Datasheet HTML 37Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 38Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 39Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 40Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 41Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 42Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 43Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 44Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
38
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
10. CLOCK GENERATOR
The clock generator produces the basic clock pulses which
provide the system clock to be supplied to the CPU and pe-
ripheral hardware. The main system clock oscillator oscillates
with a crystal resonator or a ceramic resonator
connected to the
Xin and Xout pins. External clocks can be input to the main
system clock oscillator. In this case, input a clock signal to
the Xin pin and open the Xout pin.

Figure 10-1 Block Diagram of Clock Pulse Generator
10.1 Oscillation Circuit
XIN and XOUT are the input and output, respectively, a in-
verting amplifier which can be set for use as an on-chip os-
cillator, as shown in Figure 10-2.
Figure 10-2 Oscillator Connections
To drive the device from an external clock source, Xout
should be left unconnected while Xin is driven as shown in
Figure 10-3. There are no requirements on the duty cycle
of the external clock signal, since the input to the internal
clocking circuitry is through a divide-by-two flip-flop, but
minimum and maximum high and low times specified on
the data sheet must be observed.
Oscillation circuit is designed to be used either with a ce-
ramic resonator or crystal oscillator. Since each crystal and
ceramic resonator have their own characteristics, the user
should consult the crystal manufacturer for appropriate
values of external components.
Figure 10-3 External Clock Connections
Note: When using a system clock oscillator, carry out wir-
ing in the broken line area in Figure 10-2 to prevent
any effects from wiring capacities.
- Minimize the wiring length.
- Do not allow wiring to intersect with other signal
conductors.
- Do not allow wiring to come near changing high
current.
- Set the potential of the grounding position of the
oscillator capacitor to that of VSS. Do not ground to
any ground pattern where high current is present.
- Do not fetch signals from the oscillator.
In addition, the HMS87C1X0XA has an ability for the ex-
ternal RC oscillated operation. It offers additional cost sav-
ings for timing insensitive applications. The RC
Internal system clock
PRESCALER
CLOCK PULSE
÷1
Peripheral clock
÷2
÷4
÷8
÷16
÷128 ÷256 ÷512 ÷1024
÷32
÷64
GENERATOR
÷2048
STOP
WAKEUP
fXIN
OSCILLATION
CIRCUIT
XOUT
XIN
Vss
C1
C2
Recommended: C1, C2 = 30pF±10pF for Crystals
R1
R1 = 1M
Ω
XOUT
XIN
Vss
OPEN
External
Clock
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com