Electronic Components Datasheet Search
  English  ▼

X  

HMS87C1102 Datasheet(PDF) 67 Page - Hynix Semiconductor

Part # HMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1102 Datasheet(HTML) 67 Page - Hynix Semiconductor

Back Button HMS87C1102 Datasheet HTML 63Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 64Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 65Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 66Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 67Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 68Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 69Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 70Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 71Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 88 page
background image
64
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
Figure 17-6 Internal RCWDT Mode Releasing by RESET
17.4 Minimizing Current Consumption
The Stop mode is designed to reduce power consumption.
To minimize current drawn during Stop mode, the user
should turn-off output drivers that are sourcing or sinking
current, if it is practical.
Note: In the STOP operation, the power dissipation asso-
ciated with the oscillator and the internal hardware
is lowered; however, the power dissipation associat-
ed with the pin interface (depending on the external
circuitry and program) is not directly determined by
the hardware operation of the STOP feature. This
point should be little current flows when the input
level is stable at the power voltage level (VDD/VSS);
however, when the input level becomes higher than
the power voltage level (by approximately 0.3V), a
current begins to flow. Therefore, if cutting off the
output transistor at an I/O port puts the pin signal
into the high-impedance state, a current flow across
the ports input transistor, requiring it to fix the level
by pull-up or other means.
It should be set properly that current flow through port
doesn't exist.
First conseider the setting to input mode. Be sure that there
is no current flow after considering its relationship with
external circuit. In input mode, the pin impedance viewing
from external MCU is very high that the current doesn’t
flow.
But input voltage level should be VSS or VDD. Be careful
that if unspecified voltage, i.e. if uncertain voltage level
(not VSS or VDD) is applied to input pin, there can be little
current (max. 1mA at around 2V) flow.
If it is not appropriate to set as an input mode, then set to
output mode considering there is no current flow. Setting
to High or Low is decided considering its relationship with
external circuit. For example, if there is external pull-up re-
sistor then it is set to output mode, i.e. to High, and if there
is external pull-down register, it is set to low.
Oscillator
(XIN pin)
Internal
Clock
Internal
RC Clock
STOP Instruction Execution
Stabilization Time
tST = 64mS @4MHz
Internal
RESET by WDT
RESET
RESET
RCWDT Mode
Time can not be controlled by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com