Electronic Components Datasheet Search
  English  ▼

X  

HMS87C1102 Datasheet(PDF) 65 Page - Hynix Semiconductor

Part # HMS87C1102
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS87C1102 Datasheet(HTML) 65 Page - Hynix Semiconductor

Back Button HMS87C1102 Datasheet HTML 61Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 62Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 63Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 64Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 65Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 66Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 67Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 68Page - Hynix Semiconductor HMS87C1102 Datasheet HTML 69Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
62
Apr. 2001 ver 1.0
HMS87C130XA/120XA/110XA
Figure 17-3 Timing of STOP Mode Release by RESET
17.2 Wake-up Timer Mode
In the Wake-up Timer mode, the on-chip oscillator is not
stopped. Except the Prescaler (only 2048 divided ratio) and
Timer0, all functions are stopped, but the on-chip RAM
and Control registers are held. The port pins out the values
held by their respective port data register, port direction
registers.
The Wake-up Timer mode is activated by execution of
STOP instruction after setting the bit WAKEUP of
CKCTLR to “1”. (This register should be written by
byte operation. If this register is set by bit manipulation
instruction, for example “set1” or “clr1” instruction, it
may be undesired operation)
Note: After STOP instruction, at least two or more NOP in-
struction should be written
Ex)
LDM
TDR0,#0FFH
LDM
TM0,#0001_1011B
LDM
CKCTLR,#0100_1110B
LDM
IRQH,#0
LDM
IRQL,#0
STOP
NOP
NOP
In addition, the clock source of timer0 should be select-
ed to 2048 divided ratio. Otherwise, the wake-up func-
tion can not work. And the timer0 can be operated as
16-bit timer with timer1 (refer to timer function). The
period of wake-up function is varied by setting the tim-
er data register 0, TDR0.
Release the Wake-up Timer mode
The exit from Wake-up Timer mode is hardware reset,
Timer0 overflow or external interrupt. Reset re-defines all
the Control registers but does not change the on-chip
RAM. External interrupts and Timer0 overflow allow both
on-chip RAM and Control registers to retain their values.
If I-flag = 1, the normal interrupt response takes place. If I-
flag = 0, the chip will resume execution starting with the
instruction following the STOP instruction. It will not vec-
tor to interrupt service routine (refer to Figure 17-1).
When exit from Wake-up Timer mode by external inter-
rupt or timer0 overflow, the oscillation stabilization time is
not required to normal operation. Because this mode do not
stop the on-chip oscillator shown as Figure 17-4.
Figure 17-4 Wake-up Timer Mode Releasing by External Interrupt or Timer0 Interrupt
STOP Mode
Oscillator
(XIN pin)
STOP Instruction Execution
Stabilization Time
tST = 64mS @4MHz
Internal
Clock
Internal
RESET
RESET
Time can not be controlled by software
Wake-up Timer Mode
Oscillator
(XIN pin)
STOP Instruction
Normal Operation
Normal Operation
CPU
Clock
Request
Interrupt
Execution
Do not need Stabilization Time
(stop the CPU clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com