Electronic Components Datasheet Search
  English  ▼

X  

STAC9711 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # STAC9711
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9711 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button STAC9711 Datasheet HTML 18Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 19Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 20Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 21Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 22Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 23Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 24Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 25Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
22
10/02/98
Figure 10. STAC9708/11 Powerdown Timing
SYNC
BIT_CLK
SDATA_OUT
per frame
SDATA_IN
slot2
TAG
Write to
Data
slot2
TAG
per frame
0x20
PR4
Note: BIT_CLK not to scale
BIT_CLK and SDATA_IN are transitioned low immediately (within the maximum specified time) following
the decode of the write to the Powerdown Register (26h) with PR4. When the AC'97 controller driver is at
the point where it is ready to program the AC-Link into its low power mode, slots (1 and 2) are assumed to
be the only valid stream in the audio output frame (all sources of audio input have been neutralized).
The AC'97 controller should also drive SYNC, and SDATA_OUT low after programming the STAC9708/11
to this low power mode.
3.2.1 Waking up the AC-Link
Once the STAC9708/11 has halted BIT_CLK, there are only two ways to “wake up” the AC-Link.
Both methods must be activated by the AC'97 controller. The AC-Link protocol provides for a “Cold
AC'97 Reset”, and a “Warm AC'97 Reset”. The current power down state would ultimately dictate
which form of reset is appropriate. Unless a “cold” or “register” reset (a write to the Reset register) is
performed, wherein the AC'97 registers are initialized to their default values, registers are required to
keep state during all power down modes. Once powered down, re-activation of the AC-Link via re-
assertion of the SYNC signal must not occur for a minimum of 4 audio frame times following the frame
in which the power down was triggered. When AC-Link powers up it indicates readiness via the Codec
Ready bit (input slot 0, bit 15).
Cold Reset - a cold reset is achieved by asserting RESET# for the minimum specified time. By driving
RESET# low, BIT_CLK, and SDATA_IN will be activated, or re-activated as the case may be, and all
STAC9708/11 control registers will be initialized to their default power on reset values.
Note: RESET# is an asynchronous input.
# denotes active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com