Electronic Components Datasheet Search
  English  ▼

X  

STAC9711 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # STAC9711
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9711 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STAC9711 Datasheet HTML 4Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
8
10/02/98
Figure 3. Connection Diagram –
See Appendix A for an alternative connection diagram when using separate supplies.
See Appendix B for specific connection requirements prior to operation.
VIDEO_L
VIDEO_R
AUX_L
AFILT1
AFILT2
AVss1
AVss2
DVss1
DVss2
AVdd1
AVdd2
DVdd1
DVdd2
Ferrite Bead *
2 ohm *
0.1uF
10uF
1uF
0.1uF
0.1uF
0.1uF
560 - 1000pF
29
30
14
17
16
25
38
1
9
7
4
42
26
3
2
CAP2
XTL_OUT
XTL_IN
3.3V or 5V ± 5%
24.576MHz
32
0.1uF
10uF
SigmaTel
STAC9708/11
28
Vrefout
Vref
27
10uF
0.1uF
33pF
33pF
LINE_OUT_L
LINE_OUT_R
MONO_OUT
35
36
37
LINE_IN_R
24
LINE_IN_L
23
PHONE
13
P C
_ B EE P
12
MIC2
22
AUX_R
15
MIC1
21
6
5
8
11
10
SDATA_OUT
SDATA_IN
RESET
SYNC
BIT_CLK
CD_GND
CD_R
20
19
18
CD_L
Brd Analog Gnd
Brd Digital Gnd
NOTE: Pins 31, 33, 34, 40
43, 44, and 48 are No Connects
* Suggested
** Teminate ground
plane as close to power
supply as possible
DAC_OUT_L
DAC_OUT_R
39
41
46
45
CID1
CID0
560 - 1000pF
CID0
46
45
CID1
APOP
EAPD
34
47
CAP1
31
CAP3
33
10uF
22uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com