Electronic Components Datasheet Search
  English  ▼

X  

STAC9711 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # STAC9711
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9711 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button STAC9711 Datasheet HTML 5Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 6Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 7Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 8Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 9Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 10Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 11Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 12Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
9
10/02/98
1
. PIN/SIGNAL DESCRIPTIONS
1.1 Digital I/O
These signals connect the STAC9708/11 to its AC'97 controller counterpart, an external crystal, multi-
codec selection and external audio amplifier.
Table 3. Digital Signal List
SIGNAL NAME
TYPE
DESCRIPTION
RESET #
I
AC'97 Master H/W Reset
XTL_IN
I
24.576 MHz Crystal
XTL_OUT
O
24.576 MHz Crystal
SYNC
I
48 kHz fixed rate sample sync
BIT_CLK
O
12.288 MHz serial data clock
SDATA_OUT
I
Serial, time division multiplexed, AC'97 input stream
SDATA__IN
O
Serial, time division multiplexed, AC'97 output stream
CID0
I
Multi-Codec ID select – bit 0
CID1
I
Multi-Codec ID select – bit 1
EAPD
O
External Amplifier Power Down
# denotes active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com