Electronic Components Datasheet Search
  English  ▼

X  

STAC9711 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # STAC9711
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9711 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button STAC9711 Datasheet HTML 43Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 44Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 45Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 46Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 47Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 48Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 49Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 50Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
47
10/02/98
10.5 STAC9708 Analog Performance Characteristics (Tambient = 25 oC, AVdd = 5.0V ± 5%,
DVdd = 3.3V ± 5%, AVss=DVss=0V; 1 kHz input sine wave; Sample Frequency = 48 kHz; 0 dB = 1 Vrms,
10K
Ω/50pF load, Testbench Characterization BW: 20 Hz – 20 kHz, 0 dB settings on all gain stages)
Table 33. Analog Performance Characteristics
PARAMETER
MIN
TYP
MAX
UNITS
Full Scale Input Voltage:
Line Inputs
Mic Inputs
1
-
-
1.0
0.1
-
-
Vrms
Full Scale Output Voltage:
Line Output 5V
-
1.0
-
Vrms
Analog S/N:
CD to LINE_OUT 5V
Other to LINE_OUT 5V
90
-
98
98
-
-
dB
Analog Frequency Response
2
20
-
20,000
Hz
Digital S/N
3
D/A 5V
A/D 5V
85
75
96
86
-
-
dB
Total Harmonic Distortion:
Line Output
4
-
-
0.02
%
D/A & A/D Frequency Response
5
20
-
19,200
Hz
Transition Band
19,200
-
28,800
Hz
Stop Band
28,800
-
∞
Hz
Stop Band Rejection
6
+85
-
−
dB
Out-of-Band Rejection
7
-
+40
−
dB
Group Delay
-
-
1
ms
Power Supply Rejection Ratio (1kHz)
-
+40
−
dB
Crosstalk between Input channels
-
-
-70
dB
Spurious Tone Rejection
-
+100
−
dB
Attenuation, Gain Step Size
-
1.5
−
dB
Input Impedance
10
-
−
K
Ω
Input Capacitance
-
15
−
pF
Vrefout
-
0.41 x AVdd
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com