Electronic Components Datasheet Search
  English  ▼

X  

STAC9711 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # STAC9711
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9711 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button STAC9711 Datasheet HTML 40Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 41Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 42Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 43Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 44Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 45Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 46Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 47Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
44
10/02/98
9.7 ATE Test Mode
Figure 20. ATE Test Mode
RESET#
SDATA_OUT
SDATA_IN, BIT_CLK
Toff
Hi-Z
Tsetup2rst
Table 29. ATE Test Mode
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Setup to trailing edge of RESET#
(also applies to SYNC)
Tsetup2rst
15.0
-
-
ns
Rising edge of RESET# to Hi-Z delay
Toff
-
-
25.0
ns
Notes:
1. All AC-Link signals are normally low through the trailing edge of RESET#.
Bringing
SDATA_OUT high for the trailing edge of RESET# causes STAC9708/11’s AC-Link outputs to go
high impedance which is suitable for ATE in circuit testing.
2. Once either of the two test modes have been entered, the STAC9708/11 must be issued another
RESET# with all AC-Link signals low to return to the normal operating mode.
# denotes active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com