Electronic Components Datasheet Search
  English  ▼

X  

STAC9711 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # STAC9711
Description  Multi-Channel AC97 Codec With Multi-Codec Option
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STAC9711 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button STAC9711 Datasheet HTML 13Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 14Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 15Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 16Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 17Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 18Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 19Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 20Page - List of Unclassifed Manufacturers STAC9711 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
SigmaTel, Inc.
Preliminary
STAC9708/11
17
10/02/98
3.1.1.2 Slot 2: Command Data Port
The command data port is used to deliver 16-bit control register write data in the event that
the current command port operation is a write cycle. (as indicated by Slot 1, bit 19)
Bit (19:4)
Control Register Write Data
(Stuffed with 0's if current operation is a read)
Bit (3 :0)
Reserved
(Stuffed with 0's)
If the current command port operation is a read then the entire slot time must be stuffed with
0's by the AC'97 controller.
3.1.1.3 Slot 3: PCM Playback Left Channel
Audio output frame slot 3 is the composite digital audio left playback stream. In a typical
“Games Compatible" PC this slot is composed of standard PCM (.wav) output samples
digitally mixed (on the AC'97 controller or host processor) with music synthesis output
samples. If a sample stream of resolution less than 20-bits is transferred, the AC'97 controller
must stuff all trailing non-valid bit positions within this time slot with 0's.
3.1.1.4 Slot 4: PCM Playback Right Channel
Audio output frame slot 4 is the composite digital audio right playback stream. In a typical
“Games Compatible" PC this slot is composed of standard PCM (.wav) output samples
digitally mixed (on the AC'97 controller or host processor) with music synthesis output
samples. If a sample stream of resolution less than 20-bits is transferred, the AC'97 controller
must stuff all trailing non-valid bit positions within this time slot with 0's.
3.1.1.5 Slot 5: Reserved
Audio output frame slot 5 is reserved for modem operation and is not used by the
STAC9708/11.
3.1.1.6 Slot 6: PCM Center Channel
Audio output frame slot 6 is the composite digital audio center stream used in a multi-channel
application where the STAC9708/11 is programmed to accept the primary DAC PCM data
from slots 6 and 9. As a programming option, PCM data from slots 6 and 9 may be used to
supply data to the surround DACs when slots 7 and 8 are used to drive the primary DACs.
Please refer to the register programming section for details on the multi-channel programming
options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com