Electronic Components Datasheet Search
  English  ▼

X  

PCF8534A Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 19Page - NXP Semiconductors PCF8534A Datasheet HTML 20Page - NXP Semiconductors PCF8534A Datasheet HTML 21Page - NXP Semiconductors PCF8534A Datasheet HTML 22Page - NXP Semiconductors PCF8534A Datasheet HTML 23Page - NXP Semiconductors PCF8534A Datasheet HTML 24Page - NXP Semiconductors PCF8534A Datasheet HTML 25Page - NXP Semiconductors PCF8534A Datasheet HTML 26Page - NXP Semiconductors PCF8534A Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
PCF8534A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 July 2011
23 of 52
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
An additional feature is for an arbitrary selection of LCD segments to blink. This applies to
the static and 1:2 multiplex drive modes and can be implemented without any
communication overheads. With the output bank selector, the displayed RAM banks are
exchanged with alternate RAM banks at the blink frequency. This mode can also be
specified by the blink-select command.
In the 1:3 and 1:4 multiplex modes, where no alternate RAM bank is available, groups of
LCD elements can blink by selectively changing the display RAM data at fixed time
intervals.
The entire display can blink at a frequency other than the nominal blink frequency. This
can be effectively performed by resetting and setting the display enable bit E at the
required rate using the mode-set command (see Table 11).
7.12 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus. The
commands available to the PCF8534A are defined in Table 10.
Table 9.
Blink frequencies
Blink mode
Operating mode ratio
Blink frequency with respect to fclk (typical)
Unit
fclk = 1536 Hz
off
-
blinking off
Hz
12
Hz
21
Hz
30.5
Hz
f
blink
f
clk
768
---------
=
f
blink
f
clk
1536
------------
=
f
blink
f
clk
3072
------------
=
Table 10.
Definition of commands
Command
Operation code
Reference
7
6
5
4
3
2
1
0
mode set
110
0E
B
M[1:0]
Table 11
load data pointer
0
P[6:0]
Table 12
device select
1
1
1
0
0
A[2:0]
Table 13
bank select
1
1
1
1
1
0
I
O
Table 14
blink select
1
1
1
1
0
AB
BF[1:0]
Table 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com