Electronic Components Datasheet Search
  English  ▼

X  

PCF8534A Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 37Page - NXP Semiconductors PCF8534A Datasheet HTML 38Page - NXP Semiconductors PCF8534A Datasheet HTML 39Page - NXP Semiconductors PCF8534A Datasheet HTML 40Page - NXP Semiconductors PCF8534A Datasheet HTML 41Page - NXP Semiconductors PCF8534A Datasheet HTML 42Page - NXP Semiconductors PCF8534A Datasheet HTML 43Page - NXP Semiconductors PCF8534A Datasheet HTML 44Page - NXP Semiconductors PCF8534A Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
PCF8534A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 July 2011
41 of 52
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
15. Bare die outline
Fig 26. PCF8534AU die outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
PCF8534AU
PCF8534AU
Notes
1. Pad size
2. Passivation opening
3. Marking code
UNIT
mm
max
nom
min
0.38
0.08
2.91
0.06
0.05
0.10
A
DIMENSIONS (mm are the original dimensions)
Wire bond die; 76 bonding pads; 2.91 x 2.62 x 0.38 mm
0
0.5
scale
1 mm
D
E
2.62
e
P1(1)
P2(2)
P3(1)
P4(2)
0.09
F
A
detail X
P2
P1
P3
P4
e
D
e
E
X
y
0
x
0
C1
C2
08-08-06
PC8534A-1(3)
24
43
64
76
1
3
4
63
44
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com