Electronic Components Datasheet Search
  English  ▼

X  

PCF8534A Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8534A
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8534A Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8534A Datasheet HTML 28Page - NXP Semiconductors PCF8534A Datasheet HTML 29Page - NXP Semiconductors PCF8534A Datasheet HTML 30Page - NXP Semiconductors PCF8534A Datasheet HTML 31Page - NXP Semiconductors PCF8534A Datasheet HTML 32Page - NXP Semiconductors PCF8534A Datasheet HTML 33Page - NXP Semiconductors PCF8534A Datasheet HTML 34Page - NXP Semiconductors PCF8534A Datasheet HTML 35Page - NXP Semiconductors PCF8534A Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
PCF8534A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 25 July 2011
32 of 52
NXP Semiconductors
PCF8534A
Universal LCD driver for low multiplex rates
11. Static characteristics
Table 19.
Static characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 6.5 V; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
1.8
-
5.5
V
VLCD
LCD supply voltage
2.5
-
6.5
V
IDD
supply current
fclk = 1536 Hz
[1] -8
20
A
IDD(LCD)
LCD supply current
fclk = 1536 Hz
[1] -24
60
A
Logic
VI
input voltage
VSS  0.5
VDD + 0.5 V
VIL
LOW-level input voltage
on pins CLK, SYNC, OSC, A0 to A2
and SA0
VSS
-0.3VDD
V
VIH
HIGH-level input voltage
on pins CLK, SYNC, OSC, A0 to A2
and SA0
0.7VDD
-VDD
V
VPOR
power-on reset voltage
1.0
1.3
1.6
V
IOL
LOW-level output current
VOL = 0.4 V; VDD = 5 V; on pins CLK
and SYNC
1-
-
mA
IOH
HIGH-level output current
VOH = 4.6 V; VDD = 5 V; on pin CLK
1-
-
mA
IL
leakage current
VI = VDD or VSS; on pins SA0, A0 to
A2 and CLK
1-
+1
A
VI = VDD; on pin OSC
1-
+1
A
CI
input capacitance
[2] --
7
pF
I2C-bus; pins SDA and SCL[3]
VI
input voltage
VSS  0.5
-
5.5
V
VIL
LOW-level input voltage
pin SCL
VSS
-0.3VDD
V
pin SDA
VSS
-0.2VDD
V
VIH
HIGH-level input voltage
0.7VDD
-5.5
V
IOL
LOW-level output current
VOL = 0.4 V; VDD = 5 V; on pin SDA
3
-
-
mA
IL
leakage current
VI = VDD or VSS
1-
+1
A
Ci
input capacitance
[2] --
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com